Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  Micro-Power (50uA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA333 Datasheet HTML 9Page - Texas Instruments INA333 Datasheet HTML 10Page - Texas Instruments INA333 Datasheet HTML 11Page - Texas Instruments INA333 Datasheet HTML 12Page - Texas Instruments INA333 Datasheet HTML 13Page - Texas Instruments INA333 Datasheet HTML 14Page - Texas Instruments INA333 Datasheet HTML 15Page - Texas Instruments INA333 Datasheet HTML 16Page - Texas Instruments INA333 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
OPERATING VOLTAGE
LOW VOLTAGE OPERATION
SINGLE-SUPPLY OPERATION
INA333
47kW
47kW
INA333
10kW
Microphone,
Hydrophone,
etc.
Thermocouple
INA333
Centertapprovides
biascurrentreturn.
INPUT COMMON-MODE RANGE
INA333
www.ti.com ...................................................................................................................................................................................................... SBOS445 – JULY 2008
The INA333 operates over a power-supply range of
+1.8V to +5.5V (±0.9V to ±2.75V). Supply voltages
higher
than
+7V
(absolute
maximum)
can
permanently damage the device. Parameters that
vary over supply voltage or temperature are shown in
the Typical Characteristics section of this data sheet.
The INA333 can be operated on power supplies as
low as ±0.9V. Most parameters vary only slightly
throughout this supply voltage range—see the Typical
Characteristics section. Operation at very low supply
voltage requires careful attention to assure that the
input voltages remain within the linear range. Voltage
swing requirements of internal nodes limit the input
common-mode range with low power-supply voltage.
The
Typical
Characteristic
curves
Typical
Common-Mode Range vs Output Voltage (Figure 20
to Figure 23) show the range of linear operation for
various supply voltages and gains.
The INA333 can be used on single power supplies of
+1.8V
to
+5.5V.
Figure
35
illustrates
a
basic
Figure 34. Providing an Input Common-Mode
single-supply circuit. The output REF terminal is
Current Path
connected to mid-supply. Zero differential input
voltage demands an output voltage of mid-supply.
Actual
output
voltage
swing
is
limited
to
approximately 50mV above ground, when the load is
referred
to
ground
as
shown.
The
typical
The linear input voltage range of the input circuitry of
characteristic curve Output Voltage Swing vs Output
the INA333 is from approximately 0.1V below the
Current (Figure 29) shows how the output voltage
positive supply voltage to 0.1V above the negative
swing varies with output current.
supply. As a differential input voltage causes the
output voltage to increase, however, the linear input
With single-supply operation, VIN+ and VIN– must both
range is limited by the output voltage swing of
be 0.1V above ground for linear operation. For
amplifiers A1 and A2. Thus, the linear common-mode
instance, the inverting input cannot be connected to
input range is related to the output voltage of the
ground to measure a voltage connected to the
complete amplifier. This behavior also depends on
noninverting input.
supply voltage—see Typical Characteristic curves
Typical Common-Mode Range vs Output Voltage
To
illustrate
the
issues
affecting
low
voltage
(Figure 20 to Figure 23).
operation, consider the circuit in Figure 35. It shows
the INA333 operating from a single 3V supply. A
Input overload conditions can produce an output
resistor in series with the low side of the bridge
voltage that appears normal. For example, if an input
assures that the bridge output voltage is within the
overload condition drives both input amplifiers to the
common-mode range of the amplifier inputs.
respective positive output swing limit, the difference
voltage measured by the output amplifier is near
zero. The output of the INA333 is near 0V even
though both inputs are overloaded.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): INA333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com