Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT314005 Datasheet(PDF) 4 Page - Tyco Electronics

Part # RT314005
Description  Power PCB Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT314005 Datasheet(HTML) 4 Page - Tyco Electronics

  RT314005 Datasheet HTML 1Page - Tyco Electronics RT314005 Datasheet HTML 2Page - Tyco Electronics RT314005 Datasheet HTML 3Page - Tyco Electronics RT314005 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
General Purpose Relays
4
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Power PCB Relay RT1 (Continued)
Product key
Version
Contacts
Cont. material
Coil
Coil
Part number
RT114005
12 A
1 CO contact
AgNi 90/10
DC-coil
5 VDC
0-1393239-7
RT114006
pinning 3.5 mm
6 VDC
0-1393239-8
RT114012
flux proof
12 VDC
0-1419108-1
RT114024
24 VDC
1-1393239-3
RT114048
48 VDC
1-1393239-4
RT114110
110 VDC
1-1393239-6
RT114524
AC-coil
24 VAC
1-1393239-7
RT114615
115 VAC
1-1393239-8
RT114730
230 VAC
1-1393239-9
RT134012
1 NO contact
DC-coil
12 VDC
2-1393239-6
RT134024
24 VDC
3-1393239-0
RT214012
12 A, pinning 5mm
1 CO contact
12 VDC
5-1393239-4
RT214024
flux proof
24 VDC
5-1393239-5
RT314005
16 A
5 VDC
9-1393239-1
RT314006
pinning 5 mm
6 VDC
9-1393239-3
RT314012
flux proof
12 VDC
9-1393239-5
RT314024
24 VDC
9-1393239-8
RT314048
48 VDC
0-1393240-1
RT314060
60 VDC
0-1393240-2
RT314110
110 VDC
0-1393240-3
RT314524
AC-coil
24 VAC
0-1393240-4
RT314615
115 VAC
0-1393240-6
RT314730
230 VAC
0-1393240-7
RT315012
AgNi 90/10
DC-coil
12 VDC
1-1393240-1
RT315024
gold plated
24 VDC
1-1393240-4
RT315730
AC-coil
230 VAC
1-1419108-1
RT334012
1 NO contact
AgNi 90/10
DC-coil
12 VDC
4-1393240-5
RT334024
24 VDC
4-1393240-8
RT334048
48 VDC
5-1393240-0
RTB14005
12 A
1 CO contact
5 VDC
1-1393238-2
RTB14012
pinning 3.5 mm
12 VDC
1-1393238-5
RTB14024
wash tight
24 VDC
1-1393238-9
RTB14048
48 VDC
2-1393238-1
RTD14005
16 A
5 VDC
5-1393238-9
RTD14006
pinning 5 mm
6 VDC
6-1393238-0
RTD14012
wash tight
12 VDC
6-1393238-2
RTD14015
15 VDC
6-1393238-4
RTD14024
24 VDC
6-1393238-8
RTD14048
48 VDC
6-1393238-9
RTD34005
1 NO contact
5 VDC
8-1393238-3
RTD34012
12 VDC
3-1419108-5
RTD34024
24 VDC
3-1419108-8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com