Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54331 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331
Description  3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS54331 Datasheet HTML 13Page - Texas Instruments TPS54331 Datasheet HTML 14Page - Texas Instruments TPS54331 Datasheet HTML 15Page - Texas Instruments TPS54331 Datasheet HTML 16Page - Texas Instruments TPS54331 Datasheet HTML 17Page - Texas Instruments TPS54331 Datasheet HTML 18Page - Texas Instruments TPS54331 Datasheet HTML 19Page - Texas Instruments TPS54331 Datasheet HTML 20Page - Texas Instruments TPS54331 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
PCB LAYOUT
BOOT
VSENSE
PH
VIN
GND
EN
Vout
PH
Vin
TOPSIDE
GROUND
AREA
OUTPUT
INDUCTOR
OUTPUT
FILTER
CAPACITOR
BOOT
CAPACITOR
INPUT
BYPASS
CAPACITOR
CATCH
DIODE
SignalVIA
RouteBOOT CAPACITOR
traceonotherlayertoprovide
widepathfortopsideground
RESISTOR
DIVIDER
Feedback Trace
COMP
SS
COMPENSATION
NETWORK
ThermalVIA
SLOWSTART
CAPACITOR
UVLO
RESISTOR
DIVIDER
ELECTROMAGNETIC INTERFERENCE (EMI) CONSIDERATIONS
TPS54331
www.ti.com ....................................................................................................................................................................................................... SLVS839 – JULY 2008
The VIN pin should be bypassed to ground with a low ESR ceramic bypass capacitor. Care should be taken to
minimize the loop area formed by the bypass capacitor connections, the VIN pin, and the anode of the catch
diode. The typical recommended bypass capacitance is 10-
µF ceramic with a X5R or X7R dielectric and the
optimum placement is closest to the VIN pins and the source of the anode of the catch diode. See Figure 14 for
a PCB layout example. The GND D pin should be tied to the PCB ground plane at the pin of the IC. The source
of the low-side MOSFET should be connected directly to the top side PCB ground area used to tie together the
ground sides of the input and output capacitors as well as the anode of the catch diode. The PH pin should be
routed to the cathode of the catch diode and to the output inductor. Since the PH connection is the switching
node, the catch diode and output inductor should be located very close to the PH pins, and the area of the PCB
conductor minimized to prevent excessive capacitive coupling. For operation at full rated load, the top side
ground area must provide adequate heat dissipating area. The TPS54331 uses a fused lead frame so that the
GND pin acts as a conductive path for heat dissipation from the die. Many applications have larger areas of
internal or back side ground plane available, and the top side ground area can be connected to these areas
using multiple vias under or adjacent to the device to help dissipate heat. The additional external components
can be placed approximately as shown. It may be possible to obtain acceptable performance with alternate
layout schemes, however this layout has been shown to produce good results and is intended as a guideline.
Figure 14. TPS54331 Board Layout
As EMI becomes a rising concern in more and more applications, the internal design of the TPS54331 takes
measures to reduce the EMI. The high-side MOSFET gate drive is designed to reduce the PH pin voltage
ringing. The internal IC rails are isolated to decrease the noise sensitivity. A package bond wire scheme is used
to lower the parasitics effects.
To achieve the best EMI performance, external component selection and board layout are equally important.
Follow the Step by Step Design Procedure above to prevent potential EMI issues.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TPS54331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com