Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB85NF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB85NF3LL
Description  N-CHANNEL 30V - 0.006ohm - 85A D2PAK LOW GATE CHARGE STripFET™ I POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB85NF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STB85NF3LL Datasheet HTML 1Page - STMicroelectronics STB85NF3LL Datasheet HTML 2Page - STMicroelectronics STB85NF3LL Datasheet HTML 3Page - STMicroelectronics STB85NF3LL Datasheet HTML 4Page - STMicroelectronics STB85NF3LL Datasheet HTML 5Page - STMicroelectronics STB85NF3LL Datasheet HTML 6Page - STMicroelectronics STB85NF3LL Datasheet HTML 7Page - STMicroelectronics STB85NF3LL Datasheet HTML 8Page - STMicroelectronics STB85NF3LL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
November 2001
STB85NF3LL
N-CHANNEL 30V - 0.006
Ω - 85A D2PAK
LOW GATE CHARGE STripFET™II POWER MOSFET
s
TYPICAL RDS(on) = 0.0075Ω (@4.5V)
s
OPTIMAL RDS(on) x Qg TRADE-OFF @4.5V
s
CONDUCTION LOSSES REDUCED
s
SWITCHING LOSSES REDUCED
s
ADD SUFFIX “T4” FOR ORDERING IN TAPE &
REEL
DESCRIPTION
This application specific Power MOSFET is the third
genaration of STMicroelectronics unique “ Single
Feature Size” strip-based process. The resulting
transistor shows the best trade-off between on-re-
sistance and gate charge. When used as high and
low side in buck regulators, it gives the best perfor-
mance in terms of both conduction and switching
losses. This is extremely important for mother-
boards where fast switching and high efficiency are
of paramount importance.
APPLICATIONS
s
SPECIFICALLY DESIGNED AND OPTIMISED
FOR HIGH EFFICIENCY CPU CORE DC/DC
CONVERTERS
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STB85NF3LL
30 V
< 0.008
Ω
85 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 16
V
VGSM
Gate-source Voltage Pulsed
(tp≤50µs; duty cycle 25%; Tj ≤ 150°C)
± 20
V
ID
Drain Current (continuos) at TC = 25°C
85
A
ID
Drain Current (continuos) at TC = 100°C
60
A
IDM (l)
Drain Current (pulsed)
340
A
PTOT
Total Dissipation at TC = 25°C
110
W
Derating Factor
0.73
W/°C
Tstg
Storage Temperature
–65 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
D2PAK
1
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STB85NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB85NF3LL STMICROELECTRONICS-STB85NF3LL Datasheet
391Kb / 13P
N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
28-Jul-2006
STB85NF3LL-1 STMICROELECTRONICS-STB85NF3LL-1 Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.006ohm - 85A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Mar-2001
logo
Inchange Semiconductor ...
STB85NF3LL-1 ISC-STB85NF3LL-1 Datasheet
282Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB85NF3LLT4 STMICROELECTRONICS-STB85NF3LLT4 Datasheet
391Kb / 13P
N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
28-Jul-2006
STB85NF3LL STMICROELECTRONICS-STB85NF3LL_06 Datasheet
391Kb / 13P
N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
28-Jul-2006
More results

Similar Description - STB85NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB36NF03L STMICROELECTRONICS-STB36NF03L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.015 ohm - 36A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STB70NF03L STMICROELECTRONICS-STB70NF03L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STB70NF3LL STMICROELECTRONICS-STB70NF3LL Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 ohm - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STB90NF03L STMICROELECTRONICS-STB90NF03L Datasheet
246Kb / 8P
N-CHANNEL 30V - 0.0056ohm - 90A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Oct-2001
STB90NF3LL STMICROELECTRONICS-STB90NF3LL Datasheet
175Kb / 7P
N-CHANNEL 30V - 0.0048 ohm - 80A D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
STP85NF3LL STMICROELECTRONICS-STP85NF3LL Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.006ohm - 85A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Mar-2001
STB70NF3LL STMICROELECTRONICS-STB70NF3LL_06 Datasheet
465Kb / 13P
N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
25-Jul-2006
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06_06 Datasheet
405Kb / 13P
N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
25-Jul-2006
STB85NF3LL STMICROELECTRONICS-STB85NF3LL_06 Datasheet
391Kb / 13P
N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
28-Jul-2006
STK800_0609 STMICROELECTRONICS-STK800_0609 Datasheet
267Kb / 12P
N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
14-Nov-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com