Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN Datasheet(PDF) 1 Page - Tyco Electronics

Part # PCN
Description  Slim PCB Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCN Datasheet(HTML) 1 Page - Tyco Electronics

  PCN Datasheet HTML 1Page - Tyco Electronics PCN Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Purpose Relays
1
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Slim PCB Relay PCN
I 1 pole 3 A, 1 NO contact
I Only 5 mm wide
I 3 A switching current; 5 A version available
I Load range 1 mA up to 3 A
I Sensitive coil 120 mW
I Allows high function-/packing density
I Cadmium-free contacts
I Z type with reinforced insulation
I RoHS compliant (Directive 2002/95/EC) as per product date code 0424
Applications
Centralized and decentralized heating control, extremely narrow interface
elements, interface technology, timers, PLC's, I/O modules, I/O-ports
F0258-A
Approvals
V REG.-Nr. 6166; Z E82292
Technical data of approved types on request
Contact data
Contact configuration
1NO
Contact set
bifurcated contact
Type of interruption
micro disconnection
Rated current
3 A
Rated voltage / max.switching voltage AC
250/277 VAC
Limiting continuous current
3 A
Maximum breaking capacity AC
750 VA
Limiting making capacity, max 4 s, duty factor 10%
5 A
Contact material
AgNi90/10
Minimum contact load
5V / 1mA
Mechanical endurance
20x106 cycles
Rated frequency of operation with / without load
10 / 1200 min-1
Contact ratings
Type
Load
Cycles
PCN-1..D3M.(-,H).(-,Z) 3 A, 250 VAC resistive, 70°C, 20 cycles/min, EN61810-1
1x105
PCN-1..D3M.(-,H).(-,Z) 3 A, 30 VDC, resistive, 70°C, 20 cycles/min, EN61810-1
1x105
PCN-1..D3M.(-,H).(-,Z) Pilot Duty B300 240 VAC, UL508
6x103
PCN-1..D3M.(-,H).(-,Z) Pilot Duty B300 120 VAC, UL508
6x103
PCN-1..D3M.(-,H).(-,Z), 001 5A, 250 VAC res. 85°C, 10 cycles/min, EN61810-1 3x104
Coil data
Rated coil voltage range DC coil
DC5...24 VDC
Coil power DC coil
typ 120 mW
Operative range
1
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
005
5
3.5
0.5
208+10%
120
006
6
4.2
0.6
300+10%
120
009
9
6.3
0.9
675+10%
120
012
12
8.4
1.2
1200+10%
120
024
24
16.8
2.4
4800+10%
120
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - PCN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCN MACOM-PCN Datasheet
192Kb / 2P
Slimline PCB Relay PCN
logo
List of Unclassifed Man...
PCN-1001 ETC2-PCN-1001 Datasheet
351Kb / 3P
Optimizing customer services Optimizing use of resources Real-time service planning
logo
Tyco Electronics
PCN-105D3MHZ MACOM-PCN-105D3MHZ Datasheet
153Kb / 2P
Slim PCB Relay PCN
PCN-105D3MHZ MACOM-PCN-105D3MHZ Datasheet
192Kb / 2P
Slimline PCB Relay PCN
PCN-106D3MHZ MACOM-PCN-106D3MHZ Datasheet
153Kb / 2P
Slim PCB Relay PCN
More results

Similar Description - PCN

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC466 PICKER-PC466 Datasheet
194Kb / 2P
Ultra Slim Minature PCB Power Relay
logo
Tyco Electronics
SNR MACOM-SNR Datasheet
220Kb / 3P
Slim PCB Relay
logo
Omron Electronics LLC
G2RV OMRON-G2RV Datasheet
852Kb / 12P
Slim Relay
logo
Tyco Electronics
PCN-105D3MHZ MACOM-PCN-105D3MHZ Datasheet
153Kb / 2P
Slim PCB Relay PCN
SNR MACOM-SNR_06 Datasheet
176Kb / 3P
Slim PCB Relay SNR
logo
List of Unclassifed Man...
103-1CH-S-12VDC ETC2-103-1CH-S-12VDC Datasheet
71Kb / 4P
Smallest and slim type PCB Automotive relay.
892H-1CH-C-12VDC ETC2-892H-1CH-C-12VDC Datasheet
110Kb / 5P
10mm slim miniature PCB Power Relay
logo
Picker Components
PC466 PICKER-PC466_14 Datasheet
258Kb / 2P
Ultra Slim Minature PCB Power Relay
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
Ultra Slim Miniature PCB Power Relay
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
Slim PCB Miniature Power Relay.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com