Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP85NF55 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP85NF55
Description  N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP85NF55 Datasheet(HTML) 1 Page - STMicroelectronics

  STP85NF55 Datasheet HTML 1Page - STMicroelectronics STP85NF55 Datasheet HTML 2Page - STMicroelectronics STP85NF55 Datasheet HTML 3Page - STMicroelectronics STP85NF55 Datasheet HTML 4Page - STMicroelectronics STP85NF55 Datasheet HTML 5Page - STMicroelectronics STP85NF55 Datasheet HTML 6Page - STMicroelectronics STP85NF55 Datasheet HTML 7Page - STMicroelectronics STP85NF55 Datasheet HTML 8Page - STMicroelectronics STP85NF55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
January 2003
STB85NF55
STP85NF55
N-CHANNEL 55V - 0.0062
Ω - 80A D2PAK/TO-220
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.0062 Ω
s
FOR THROUGH-HOLE VERSION CONTACT
SALES OFFICE
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT
TYPE
VDSS
RDS(on)
ID
STB85NF55
STP85NF55
55 V
55 V
<0.008
Ω
<0.008
Ω
80 A
80 A
1
2
3
TO-220
1
3
D2PAK
TO-263
(Suffix “T4”)
ABSOLUTE MAXIMUM RATINGS
(
•)Current Limited by Package
(
••) Pulse width limited by safe operating area
(1)ISD ≤80A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(2) Starting Tj = 25 oC ID = 40A
VDD = 25V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
55
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
55
V
VGS
Gate- source Voltage
± 20
V
ID(•)
Drain Current (continuous) at TC = 25°C
80
A
ID
Drain Current (continuous) at TC = 100°C
80
A
IDM(••)
Drain Current (pulsed)
320
A
Ptot
Total Dissipation at TC = 25°C
300
W
Derating Factor
2.0
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
10
V/ns
EAS (2)
Single Pulse Avalanche Energy
980
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Max. Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP85NF55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP85NF55 STMICROELECTRONICS-STP85NF55 Datasheet
951Kb / 15P
N-channel 55 V, 0.0062 Ω, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
01-Oct-2009
logo
Inchange Semiconductor ...
STP85NF55 ISC-STP85NF55 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP85NF55L STMICROELECTRONICS-STP85NF55L Datasheet
370Kb / 10P
N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Sep-2002
STP85NF55L STMICROELECTRONICS-STP85NF55L Datasheet
937Kb / 14P
N-channel 55 V, 0.0060 Ω, 80 A, TO-220, D2PAK STripFET™II Power MOSFET
06-Aug-2009
logo
Inchange Semiconductor ...
STP85NF55L ISC-STP85NF55L Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP85NF55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80PF55 STMICROELECTRONICS-STB80PF55 Datasheet
175Kb / 7P
P-CHANNEL 55V - 0.016 ohm - 80A D2PAK STripFET™ II POWER MOSFET
Feb-2002
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Sep-2002
STP80NF55-08 STMICROELECTRONICS-STP80NF55-08 Datasheet
353Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Mar-2002
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET™ II POWER MOSFET
Apr-2003
STB140NF55 STMICROELECTRONICS-STB140NF55 Datasheet
280Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
07-Nov-2004
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
Oct-1999
STB140NF55 STMICROELECTRONICS-STB140NF55_07 Datasheet
483Kb / 15P
N-channel 55V - 0.0065Ω - 80A - D2PAK - I2PAK - TO-220 STripFET™II Power MOSFET
02-Mar-2007
STB80PF55 STMICROELECTRONICS-STB80PF55_06 Datasheet
251Kb / 13P
P-channel 55V - 0.016Ω - 80A - TO-220 - D2PAK STripFET™II Power MOSFET
12-Sep-2006
STB141NF55 STMICROELECTRONICS-STB141NF55 Datasheet
358Kb / 15P
N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
01-Aug-2007
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06_06 Datasheet
449Kb / 17P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
24-Oct-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com