Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9193 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9193
Description  300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9193 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9193 Datasheet HTML 1Page - Richtek Technology Corporation RT9193 Datasheet HTML 2Page - Richtek Technology Corporation RT9193 Datasheet HTML 3Page - Richtek Technology Corporation RT9193 Datasheet HTML 4Page - Richtek Technology Corporation RT9193 Datasheet HTML 5Page - Richtek Technology Corporation RT9193 Datasheet HTML 6Page - Richtek Technology Corporation RT9193 Datasheet HTML 7Page - Richtek Technology Corporation RT9193 Datasheet HTML 8Page - Richtek Technology Corporation RT9193 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9193
2
DS9193-11 May 2008
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin Name
Pin Function
EN
Chip Enable (Active High). Note that this pin is high impedance. There should be a pull low 100k
Ω
resistor connected to GND when the control signal is floating.
BP
Reference Noise Bypass.
GND
Ground .
VOUT
Output Voltage.
VIN
Power Input Voltage.
Current-Limit
and
Thermal
Protection
MOS Driver
+
VOUT
Shutdown
and
Logic Control
VIN
Error
Amplifier
V
REF
BP
EN
GND
Quick
Start
Pin Configurations
(TOP VIEW)
SC-70-5/SOT-23-5/TSOT-23-5
WDFN-6L 2x2
MSOP-8
5
6
7
8
4
3
2
NC
NC
EN
BP
GND
VOUT
NC
VIN
EN
GND
BP
NC
VOUT
VIN
5
4
1
2
3
6
7
VIN
GND
BP
VOUT
EN
2
3
5
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com