Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3700 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N3700
Description  General purpose amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3700 Datasheet(HTML) 3 Page - STMicroelectronics

  2N3700 Datasheet HTML 1Page - STMicroelectronics 2N3700 Datasheet HTML 2Page - STMicroelectronics 2N3700 Datasheet HTML 3Page - STMicroelectronics 2N3700 Datasheet HTML 4Page - STMicroelectronics 2N3700 Datasheet HTML 5Page - STMicroelectronics 2N3700 Datasheet HTML 6Page - STMicroelectronics 2N3700 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N3700
Electrical characteristics
3/7
2
Electrical characteristics
(TCASE = 25°C; unless otherwise specified)
Table 3.
Electrical characteristics
Note:
(1) Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1 %
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 90V
VCB = 90V
Tamb = 150°C
10
10
nA
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5V
10
nA
V(BR)CBO
Collector-base breakdown
voltage (IE = 0)
IC = 100µA
140
V
V(BR)CEO(1)
Collector-emitter breakdown
voltage (IB = 0)
IC = 30mA
80
V
V(BR)EBO
Emitter-base breakdown voltage
(IC = 0)
IE = 100µA
7V
VCE(sat) (1)
Collector-emitter saturation
voltage
IC = 150mA
IB = 15mA
IC = 0.5A
IB = 50mA
0.2
0.5
V
V
VBE(sat) (1) Base-emitter saturation voltage IC = 150mA
IB = 15mA
1.1
V
hFE
DC current gain
IC = 0.1mA
VCE = 10V
IC = 10mA
VCE = 10V
IC = 150mA
VCE = 10V
IC = 500mA
VCE = 10V
IC = 1A
VCE = 10V
IC = 150mA
VCE = 10V
Tamb = -55°C
50
90
100
50
15
40
300
hfe
Small signal current gain
IC = 1mA
VCE = 5V
f = 1kHz
80
400
fT
Transition frequency
IC = 50mA
VCE = 10V
f = 20MHz
100
MHz
CEBO
Emitter-base capacitance
IC = 0
VEB = 0.5V
f = 1MHz
60
pF
CCBO
Collector-base capacitance
IE = 0
VCB = 10V
f = 1MHz
12
pF
rbb’ Cb’c Feedback time constant
IC = 10mA
VCB = 10V
f = 4MHz
25
400
ps



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com