Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STC2510 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2STC2510
Description  High power NPN epitaxial planar bipolar transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STC2510 Datasheet(HTML) 3 Page - STMicroelectronics

  2STC2510 Datasheet HTML 1Page - STMicroelectronics 2STC2510 Datasheet HTML 2Page - STMicroelectronics 2STC2510 Datasheet HTML 3Page - STMicroelectronics 2STC2510 Datasheet HTML 4Page - STMicroelectronics 2STC2510 Datasheet HTML 5Page - STMicroelectronics 2STC2510 Datasheet HTML 6Page - STMicroelectronics 2STC2510 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2STC2510
Electrical characteristics
3/7
2
Electrical characteristics
(Tcase = 25 °C; unless otherwise specified)
Table 4.
Electrical characteristics
1.
Pulsed duration = 300 µs, duty cycle
≤ 1.5%
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 100 V
10
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 6 V
10
µA
V(BR)CEO
(1)
Collector-emitter breakdown
voltage (IB = 0)
IC = 50 mA
100
V
V(BR)CBO
Collector-base breakdown
voltage (IE = 0)
IC = 100 µA
100
V
V(BR)EBO
(1)
Emitter-base breakdown
voltage (IC = 0)
IE = 1 mA
6V
VCE(sat)
(1)
Collector-emitter saturation
voltage
IC = 12 A
IB = 1.2 A
1.5
V
VBE
(1)
Base-emitter voltage
VCE = 4 V
IB = 12 A
1.8
V
hFE
DC current gain
IC = 12 A
VCE = 4 V
40
80
fT
Transition frequency
IC = 0.5 A
VCE = 12
V
20
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com