Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STW1693 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 2STW1693
Description  High power PNP epitaxial planar bipolar transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STW1693 Datasheet(HTML) 4 Page - STMicroelectronics

  2STW1693 Datasheet HTML 1Page - STMicroelectronics 2STW1693 Datasheet HTML 2Page - STMicroelectronics 2STW1693 Datasheet HTML 3Page - STMicroelectronics 2STW1693 Datasheet HTML 4Page - STMicroelectronics 2STW1693 Datasheet HTML 5Page - STMicroelectronics 2STW1693 Datasheet HTML 6Page - STMicroelectronics 2STW1693 Datasheet HTML 7Page - STMicroelectronics 2STW1693 Datasheet HTML 8Page - STMicroelectronics 2STW1693 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
2STW1693
4/10
2
Electrical characteristics
(TCASE = 25°C; unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = -80V
-0.1
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = -6V
-0.1
µA
V(BR)EBO
Collector-emitter breakdown
voltage (IC = 0)
IE = -1mA
-6
V
V(BR)CBO
Collector-emitter breakdown
voltage (IE = 0)
IC = -100µA
-80
V
V(BR)CEO
Collector-emitter breakdown
voltage (IB = 0)
IC = -50mA
-80
V
VCE(sat) (1)
1.
Pulsed duration = 300
µs, duty cycle ≤1.5%
Collector-emitter saturation
voltage
IC = -2A
IB = -200mA
IC = -6A
IB = -600mA
-0.6
-1.5
V
V
VBE (1)
Base-emitter voltage
VCE = -5V
IC = -5A
-1.5
V
hFE
DC current gain
IC = -2A
VCE = -4V
50
120
fT
Transition frequency
IC = -0.5A
VCE = -12V
20
MHz
CCBO
Collector-base capacitance
IE = 0 VCB = -10V f = 1MHz
80
pF
ton
tstg
toff
Turn-on time
Storage time
Fall time
IC = -3A
VCC = -30V
IB1 = -IB2 = -0.3A
0.18
0.6
0.09
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com