Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STW4466 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 2STW4466
Description  High power NPN epitaxial planar bipolar transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STW4466 Datasheet(HTML) 4 Page - STMicroelectronics

  2STW4466 Datasheet HTML 1Page - STMicroelectronics 2STW4466 Datasheet HTML 2Page - STMicroelectronics 2STW4466 Datasheet HTML 3Page - STMicroelectronics 2STW4466 Datasheet HTML 4Page - STMicroelectronics 2STW4466 Datasheet HTML 5Page - STMicroelectronics 2STW4466 Datasheet HTML 6Page - STMicroelectronics 2STW4466 Datasheet HTML 7Page - STMicroelectronics 2STW4466 Datasheet HTML 8Page - STMicroelectronics 2STW4466 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
2STW4466
4/10
2
Electrical characteristics
(TCASE = 25°C; unless otherwise specified)
Table 4.
Electrical characteristics
Note: 1 Pulsed duration = 300 µs, duty cycle ≤1.5%
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 100V
0.1
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 6V
0.1
µA
V(BR)EBO
Collector-emitter breakdown
voltage (IC = 0)
IE = 1mA
6V
V(BR)CBO
Collector-emitter breakdown
voltage (IE = 0)
IC = 100µA
100
V
V(BR)CEO
Collector-emitter breakdown
voltage (IB = 0)
IC = 50mA
80
V
VCE(sat) (1)
Collector-emitter saturation
voltage
IC = 2A
IB = 200mA
IC = 6A
IB = 600mA
0.6
1.5
V
V
VBE (1)
Base-emitter voltage
VCE = 5V
IC = 5A
1.5
V
hFE
DC current gain
IC = 2A
VCE = 4V
50
120
fT
Transition frequency
IC = 0.5A
VCE = 12V
20
MHz
CCBO
Collector-base capacitance
IE = 0 VCB = 10V f = 1MHz
50
pF
ton
tstg
toff
Turn-on time
Storage time
Fall time
IC = 3A
VCC = 30V
IB1 = -IB2 = 0.3A
0.15
1.5
0.1
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com