Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB90NF03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB90NF03
Description  N-CHANNEL 30V - 0.0065 ohm - 95A D²PAK STripFET™ II POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB90NF03 Datasheet(HTML) 1 Page - STMicroelectronics

  STB90NF03 Datasheet HTML 1Page - STMicroelectronics STB90NF03 Datasheet HTML 2Page - STMicroelectronics STB90NF03 Datasheet HTML 3Page - STMicroelectronics STB90NF03 Datasheet HTML 4Page - STMicroelectronics STB90NF03 Datasheet HTML 5Page - STMicroelectronics STB90NF03 Datasheet HTML 6Page - STMicroelectronics STB90NF03 Datasheet HTML 7Page - STMicroelectronics STB90NF03 Datasheet HTML 8Page - STMicroelectronics STB90NF03 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
March 2003
STB95NF03
N-CHANNEL 30V - 0.0065
Ω - 95A D²PAK
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.0065 Ω
s
STANDARD THRESHOLD DRIVE
s
100% AVALANCHE TESTED
s
SURFACE-MOUNTING D2PAK (TO-263)
POWER PACKAGE IN TUBE (NO SUFFIX) OR
IN TAPE & REEL (SUFFIX “T4”)
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
DC-DC & DC-AC CONVERTERS
s
SOLENOID AND RELAY DRIVERS
TYPE
VDSS
RDS(on)
ID
STB95NF03
30 V
<0.007
Ω
80 A
1
3
D2PAK
TO-263
(Suffix “T4”)
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(*) Current Limited by Package
(1) ISD ≤ 95A, di/dt ≤ 150A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(2) Starting Tj = 25 oC, ID = 47.5A, VDD = 25V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 20
V
ID(∗)
Drain Current (continuous) at TC = 25°C
80
A
ID
Drain Current (continuous) at TC = 100°C
80
A
IDM(•)
Drain Current (pulsed)
320
A
Ptot
Total Dissipation at TC = 25°C
150
W
Derating Factor
1
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
3.0
V/ns
EAS (2)
Single Pulse Avalanche Energy
720
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STB90NF03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB90NF03L STMICROELECTRONICS-STB90NF03L Datasheet
246Kb / 8P
N-CHANNEL 30V - 0.0056ohm - 90A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Oct-2001
STB90NF03L-1 STMICROELECTRONICS-STB90NF03L-1 Datasheet
274Kb / 9P
N-CHANNEL 30V - 0.0056ohm - 90A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STB90NF03L-1 STMICROELECTRONICS-STB90NF03L-1 Datasheet
248Kb / 13P
N-channel 30V - 0.0056Ω -90A TO-220/I2PAK Low gate charge STripFET??Power MOSFET
17-Aug-2006
More results

Similar Description - STB90NF03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB140NF75 STMICROELECTRONICS-STB140NF75 Datasheet
541Kb / 18P
N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET
28-Jun-2006
STB160NF3LL STMICROELECTRONICS-STB160NF3LL Datasheet
174Kb / 7P
N-CHANNEL 30V - 0.0026 ohm - 160A D2PAK STripFET™ II POWER MOSFET
May 2002
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET™ II POWER MOSFET
Feb-2002
STP80NF55-08 STMICROELECTRONICS-STP80NF55-08 Datasheet
353Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Mar-2002
STC5NF30V STMICROELECTRONICS-STC5NF30V Datasheet
271Kb / 8P
N-CHANNEL 30V - 0.027 OHM - 5A TSSOP8 2.7V-DRIVE STripFET II POWER MOSFET
Jun-2003
STB140NF55 STMICROELECTRONICS-STB140NF55 Datasheet
280Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
07-Nov-2004
STK20N75F3 STMICROELECTRONICS-STK20N75F3 Datasheet
907Kb / 15P
N-channel 75 V, 0.0065 OHM, 20 A, PolarPAK STripFET Power MOSFET
22-Jun-2009
STP80NF06 STMICROELECTRONICS-STP80NF06_07 Datasheet
314Kb / 14P
N-channel 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFET II Power MOSFET
03-May-2007
STB78NF55-08 STMICROELECTRONICS-STB78NF55-08 Datasheet
819Kb / 19P
N-channel 55 V, 0.0065 Ω typ., 78 A STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
19-Jul-2016
STD1703L STMICROELECTRONICS-STD1703L Datasheet
981Kb / 10P
N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET
Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com