Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD442 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BD442
Description  PNP power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD442 Datasheet(HTML) 3 Page - STMicroelectronics

  BD442 Datasheet HTML 1Page - STMicroelectronics BD442 Datasheet HTML 2Page - STMicroelectronics BD442 Datasheet HTML 3Page - STMicroelectronics BD442 Datasheet HTML 4Page - STMicroelectronics BD442 Datasheet HTML 5Page - STMicroelectronics BD442 Datasheet HTML 6Page - STMicroelectronics BD442 Datasheet HTML 7Page - STMicroelectronics BD442 Datasheet HTML 8Page - STMicroelectronics BD442 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BD442
Electrical characteristics
3/9
2
Electrical characteristics
(Tcase = 25 °C; unless otherwise specified)
Table 3.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = -80 V
-0.1
mA
ICES
Collector cut-off current
(VBE = 0)
VCE = -80 V
-0.1
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = -5 V
-1
mA
VCEO(sus)
(1)
1.
Pulsed duration = 300 ms, duty cycle
≥ 1.5%.
Collector-emitter
sustaining voltage
(IB = 0)
IC = -100 mA
-80
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = -2 A __
IB = -0.2 A
-0.8
V
VBE
(1)
Base-emitter voltage
IC = -10 mA_
VCE = -5 V
IC = -2 A_
VCE = -1 V
-0.58
-1.5
V
V
hFE
(1)
DC current gain
IC = -10 mA__ VCE = -5 V
IC = -500 mA_ VCE = -1 V
IC = -2 A_
VCE = -1 V
15
40
15
130
140



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com