Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF-421 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BF-421
Description  SMALL SIGNAL PNP TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BF-421 Datasheet(HTML) 1 Page - STMicroelectronics

  BF-421 Datasheet HTML 1Page - STMicroelectronics BF-421 Datasheet HTML 2Page - STMicroelectronics BF-421 Datasheet HTML 3Page - STMicroelectronics BF-421 Datasheet HTML 4Page - STMicroelectronics BF-421 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BF421
SMALL SIGNAL PNP TRANSISTOR
PRELIMINARY DATA
s
SILICON EPITAXIAL PLANAR PNP HIGH
VOLTAGE TRANSISTOR
s
TO-92 PACKAGE SUITABLE FOR
THROUGH-HOLE PCB ASSEMBLY
s
THE NPN COMPLEMENTARY TYPE IS
BF420
APPLICATIONS
s
VIDEO AMPLIFIER CIRCUITS (RGB
CATHODE CURRENT CONTROL)
s
TELEPHONE WIRELINE INTERFACE (HOOK
SWITCHES, DIALER CIRCUITS)
®
INTERNAL SCHEMATIC DIAGRAM
February 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
-300
V
VCEO
Collector-Emitter Voltage (IB = 0)
-300
V
VEBO
Emitter-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-500
mA
ICM
Collector Peak Current (tp < 5ms)
-600
mA
Ptot
Total Dissipation at TC = 25
o C
830
mW
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
Ordering Code
Marking
Package / Shipment
BF421
BF421
TO-92 / Bulk
BF421-AP
BF421
TO-92
/ Ammopack
TO-92
Bulk
TO-92
Ammopack
1/5


Similar Part No. - BF-421

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF-419 PHILIPS-BF-419 Datasheet
65Kb / 8P
NPN high-voltage transistor
1997 Apr 09
logo
New Jersey Semi-Conduct...
BF-472 NJSEMI-BF-472 Datasheet
100Kb / 3P
PNP high-voltage transistors
logo
NXP Semiconductors
BF-472 PHILIPS-BF-472 Datasheet
64Kb / 8P
PNP high-voltage transistors
1996 Dec 09
More results

Similar Description - BF-421

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Mar-1996
logo
Transys Electronics
2N3906 TRSYS-2N3906 Datasheet
304Kb / 3P
PNP SMALL SIGNAL TRANSISTOR
logo
General Semiconductor
MMBT2907A GE-MMBT2907A Datasheet
65Kb / 3P
Small Signal Transistor (PNP)
logo
Motorola, Inc
MMBA813S2 MOTOROLA-MMBA813S2 Datasheet
26Kb / 1P
SMALL-SIGNAL PNP TRANSISTOR
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
PNP small signal transistor
BCX17 ROHM-BCX17_11 Datasheet
141Kb / 3P
PNP small signal transistor
logo
Diodes Incorporated
2N3906 DIODES-2N3906 Datasheet
68Kb / 3P
PNP SMALL SIGNAL TRANSISTOR
Rev K-3
logo
Taiwan Semiconductor Co...
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
PNP Small Signal Transistor
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
PNP Small Signal Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com