Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD534 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BD534
Description  Complementary power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD534 Datasheet(HTML) 3 Page - STMicroelectronics

  BD534 Datasheet HTML 1Page - STMicroelectronics BD534 Datasheet HTML 2Page - STMicroelectronics BD534 Datasheet HTML 3Page - STMicroelectronics BD534 Datasheet HTML 4Page - STMicroelectronics BD534 Datasheet HTML 5Page - STMicroelectronics BD534 Datasheet HTML 6Page - STMicroelectronics BD534 Datasheet HTML 7Page - STMicroelectronics BD534 Datasheet HTML 8Page - STMicroelectronics BD534 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BD533 BD534 BD535 BD536 BD537
Absolute maximum ratings
3/11
Table 3.
Electrical characteristics
(Tcase = 25°C; unless otherwise specified)
Note:
For PNP types voltage e current values are negative.
Table 4.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = rated VCBO
0.1
mA
ICES
Collector cut-off current
(VBE = 0)
for BD533/534 VCE = 45 V
for BD535/536 VCE = 60 V
for BD537
VCE = 80 V
0.1
0.1
0.1
mA
mA
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5V
1mA
VCEO(sus)(1)
1. Pulsed duration = 300 ms, duty cycle
≥1.5%.
Collector-emitter
sustaining voltage
(IB = 0)
IC = 100mA for BD533/534
for BD535/536
for BD537
45
60
80
V
V
V
VCE(sat)(1)
Collector-emitter
saturation voltage
IC = 2A __
IB = 0.2A
IC = 6A __
IB = 0.6A
0.8
0.8
V
V
VBE(1)
Base-emitter voltage
IC = 2A ___ VCE = 2V
1.5
V
hFE(1)
DC current gain
IC = 10mA__ VCE = 5V
for BD533/534
for BD535/536
for BD537
IC = 500mA_ VCE = 2V
IC = 2A_
VCE = 2V
for BD533/534
for BD535/536
for BD537
20
20
15
40
25
25
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com