Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD112 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJD112
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJD112 Datasheet(HTML) 1 Page - STMicroelectronics

  MJD112 Datasheet HTML 1Page - STMicroelectronics MJD112 Datasheet HTML 2Page - STMicroelectronics MJD112 Datasheet HTML 3Page - STMicroelectronics MJD112 Datasheet HTML 4Page - STMicroelectronics MJD112 Datasheet HTML 5Page - STMicroelectronics MJD112 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MJD112
MJD117
COMPLEMENTARY SILICON POWER
DARLINGTON TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
LOW BASE-DRIVE REQUIREMENTS
s
INTEGRATED ANTIPARALLEL
COLLECTOR-EMITTER DIODE
s
SURFACE-MOUNTING TO-252 (DPAK)
POWER PACKAGE IN TAPE & REEL
(SUFFIX "T4")
s
ELECTRICAL SIMILAR TO TIP112 AND
TIP117
APPLICATIONS
s
GENERAL PURPOSE SWITCHING AND
AMPLIFIER
DESCRIPTION
The MJD112 and MJD117 form complementary
PNP - NPN pairs.
They are manufactured using Epitaxial Base
technology for cost-effective performance.
®
INTERNAL SCHEMATIC DIAGRAM
R1(typ) = 7K
Ω
R2(typ) = 200
Ω
January 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Emitter Voltage (IE = 0)
100
V
VCEO
Collector-Emitter Voltage (IB = 0)
100
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
2
A
ICM
Collector Peak Current (tp < 5 ms)
4
A
IB
Base Current
0.05
A
Ptot
Total Dissipation at Tc = 25
oC20
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
For PNP type voltage and current values are negative.
1
3
DPAK
TO-252
(Suffix "T4")
1/6


Similar Part No. - MJD112

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
logo
ON Semiconductor
MJD112 ONSEMI-MJD112 Datasheet
147Kb / 8P
Complementary Darlington Power Transistors
August, 2004 ??Rev. 5
logo
STMicroelectronics
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Sep-1997
logo
KEC(Korea Electronics)
MJD112 KEC-MJD112 Datasheet
394Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.)
logo
Fairchild Semiconductor
MJD112 FAIRCHILD-MJD112 Datasheet
51Kb / 5P
D-PAK for Surface Mount Applications
More results

Similar Description - MJD112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com