Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1802 Datasheet(PDF) 1 Page - STMicroelectronics

Part # D1802
Description  Low voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D1802 Datasheet(HTML) 1 Page - STMicroelectronics

  D1802 Datasheet HTML 1Page - STMicroelectronics D1802 Datasheet HTML 2Page - STMicroelectronics D1802 Datasheet HTML 3Page - STMicroelectronics D1802 Datasheet HTML 4Page - STMicroelectronics D1802 Datasheet HTML 5Page - STMicroelectronics D1802 Datasheet HTML 6Page - STMicroelectronics D1802 Datasheet HTML 7Page - STMicroelectronics D1802 Datasheet HTML 8Page - STMicroelectronics D1802 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
June 2007
Rev 1
1/10
10
Table 1.
Device summary
Order code
Marking
Package
Packaging
STD1802T4-A
D1802
DPAK
Tape & reel
STD1802T4-A
Low voltage fast-switching NPN power transistor
Features
This device is qualified for automotive
application
Very low collector to emitter saturation voltage
High current gain characteristic
Fast-switching speed
Surface-mounting DPAK (TO-252) power
package in tape & reel (suffix “T4)
Description
The device is manufactured in Planar technology
with “Base Island” layout. The resulting transistor
shows exceptional high gain performance
coupled with very low saturation voltage.
Applications
CCFL drivers
Voltage regulators
Relay drivers
High efficiency, low voltage, switching
applications
Figure 1.
Internal schematic diagram
1
3
TO-252
DPAK
(suffix “T4”)
www.st.com


Similar Part No. - D1802

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D18020U2JH6 VISHAY-D18020U2JH6 Datasheet
123Kb / 9P
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
09-May-14
D18020U2JH6 VISHAY-D18020U2JH6 Datasheet
123Kb / 9P
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
09-May-14
More results

Similar Description - D1802

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSA851 STMICROELECTRONICS-STSA851 Datasheet
226Kb / 8P
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
STSA1805 STMICROELECTRONICS-STSA1805 Datasheet
225Kb / 8P
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
2STD1665 STMICROELECTRONICS-2STD1665 Datasheet
281Kb / 12P
Low voltage fast-switching NPN power transistor
08-May-2006
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
198Kb / 10P
Low voltage fast-switching NPN power transistor
18-Jul-2006
2STX1360 STMICROELECTRONICS-2STX1360 Datasheet
175Kb / 10P
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
STD1802 STMICROELECTRONICS-STD1802_07 Datasheet
248Kb / 10P
Low voltage fast-switching NPN power transistor
12-Jul-2007
2STR1160 STMICROELECTRONICS-2STR1160 Datasheet
247Kb / 11P
Low voltage fast-switching NPN power transistor
12-Feb-2008
2STD1665 STMICROELECTRONICS-2STD1665_08 Datasheet
220Kb / 11P
Low voltage fast-switching NPN power transistor
27-Mar-2008
2STR1215 STMICROELECTRONICS-2STR1215_08 Datasheet
140Kb / 10P
Low voltage fast-switching NPN power transistor
08-Sep-2008
STN851 STMICROELECTRONICS-STN851_09 Datasheet
237Kb / 10P
Low voltage fast-switching NPN power transistor
16-Mar-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com