Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0313 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TA0313
Description  STMicroelectronics Solutions for ADSL Line Interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TA0313 Datasheet(HTML) 3 Page - STMicroelectronics

  TA0313 Datasheet HTML 1Page - STMicroelectronics TA0313 Datasheet HTML 2Page - STMicroelectronics TA0313 Datasheet HTML 3Page - STMicroelectronics TA0313 Datasheet HTML 4Page - STMicroelectronics TA0313 Datasheet HTML 5Page - STMicroelectronics TA0313 Datasheet HTML 6Page - STMicroelectronics TA0313 Datasheet HTML 7Page - STMicroelectronics TA0313 Datasheet HTML 8Page - STMicroelectronics TA0313 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STMicroelectronics Solutions for ADSL Line Interfaces
TA0313
The TS612 comes in SO20 plastic batwing package which increases its power dissipation capability to
2.7W at room temperature. It features a power-down or stand-by function in order to minimize the
consumption when the modem is not in communication.
Power Supply
Remote ADSL modem terminals must be designed to be easily connected to a PC. For such applications,
the driver should use a +12V single power supply, which is available via standard PCI connectors. Note
that the TS613 and TS612 can also be powered by a dual power supply at +/-6V.
Figure 4 shows a single +12V supply circuit with the TS613 as a remote terminal transmitter in differential
mode. Note that one could also use the TS612 in exactly the same schema.
The driver is biased with a mid-supply (nominally +6V) in order to maintain the DC component of the
signal at +6V. This allows a maximum dynamic range between 0 and +12 V. Several options are possible
in order to provide this bias supply—such as for example, a virtual ground using an operational amplifier,
or, the cheapest solution, a two-resistor divider. A high resistance value is required to limit the current
consumption. On the other hand, the current must be high enough to bias the inverting input of the driver.
If we consider the positive input’s bias current (15µA max) as 1% of the current through the resistance
divider (1.5mA), two 3.9k
Ω resistors are sufficient to keep a stable mid-supply .
Figure 3: Thermal considerations: power dissipation of the drivers vs. room temperature
Figure 4: Implementation of the TS613 as a differential line driver with a +12V single supply
-40
-30
-20
-10
0
102030
4050
6070
80
Room Temperature (°C)
0
1
2
3
4
5
TS612ID, Rthja=45°C/W
TS613IPW, Rthja=70°C/W
TS613ID, Rthja=175°C/W
½R1
R4
R2
_
+
_
+
Vi
Vi
Vo
Vo
3
2
6
5
1
7
4
GND
8
+12V
25
100Ω
1:2
Hybrid
&
Transformer
GND
+12V
3k9
3k9
10µ
100n
100n
100n
1k
1k
12.5
Ω
10n
1µ
_
+
_
+
Vi
Vi
Vo
Vo
3
2
6
5
1
7
4
GND
8
+12V
25
Ω
100Ω
1:2
Hybrid
&
Transformer
GND
+12V
3k9
3k9
10µ
100n
100n
100n
1k
1k
10n
1µ
12.5
Ω
½R1
½R1
R4
R2
_
+
_
+
Vi
Vi
Vo
Vo
3
2
6
5
1
7
4
GND
8
+12V
25
100Ω
1:2
Hybrid
&
Transformer
GND
+12V
3k9
3k9
10µ
100n
100n
100n
1k
1k
12.5
Ω
10n
1µ
_
+
_
+
Vi
Vi
Vo
Vo
3
2
6
5
1
7
4
GND
8
+12V
25
Ω
100Ω
1:2
Hybrid
&
Transformer
GND
+12V
3k9
3k9
10µ
100n
100n
100n
1k
1k
10n
1µ
12.5
Ω
½R1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com