Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS461 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS461
Description  Output Rail-to-Rail Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS461 Datasheet(HTML) 2 Page - STMicroelectronics

  TS461 Datasheet HTML 1Page - STMicroelectronics TS461 Datasheet HTML 2Page - STMicroelectronics TS461 Datasheet HTML 3Page - STMicroelectronics TS461 Datasheet HTML 4Page - STMicroelectronics TS461 Datasheet HTML 5Page - STMicroelectronics TS461 Datasheet HTML 6Page - STMicroelectronics TS461 Datasheet HTML 7Page - STMicroelectronics TS461 Datasheet HTML 8Page - STMicroelectronics TS461 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings
TS461-TS462-TS464
2/12
1
Absolute Maximum Ratings
Table 2: Operating conditions
Table 1: Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage 1
1)
All voltages values, except differential voltage are with respect to network group terminal.
12
V
Vid
Differential Input Voltage 2
2)
Differential voltages are non-inverting input terminal with respect to the inverting input terminal.
±VCC
V
Vin
Input Voltage Range
Vdd-0.3 to Vcc+0.3
V
Toper
Operating Free Air Temperature Range
-20 to +70
°C
Tstd
Storage Temperature Range
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Case 3
SOT23-5
SO8
SO14
TSSOP8
TSSOP14
3)
Short-circuits can cause excessive heating and destructive dissipation.
250
125
103
120
100
°C/W
ESD
HBM: Human Body Model4
4)
Human body model, 100pF discharged through a 1.5k
Ω resistor into pin of device.
2kV
MM: Machine Model5
5)
Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with no external series resistor
(internal resistor < 5
Ω), into pin to pin of device.
200
V
CDM: Charged Device Model
1.5
kV
Lead Temperature (soldering, 10sec)
250
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2.7 to 10
V
Vicm
Common Mode Input Voltage Range
VDD +1.15 to VCC - 1.15
V
Toper
Operating Free Air Temperature Range
-20 to +70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com