Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS924 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS924
Description  Rail-to-rail high output current quad operational amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS924 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS924_08 Datasheet HTML 6Page - STMicroelectronics TS924_08 Datasheet HTML 7Page - STMicroelectronics TS924_08 Datasheet HTML 8Page - STMicroelectronics TS924_08 Datasheet HTML 9Page - STMicroelectronics TS924_08 Datasheet HTML 10Page - STMicroelectronics TS924_08 Datasheet HTML 11Page - STMicroelectronics TS924_08 Datasheet HTML 12Page - STMicroelectronics TS924_08 Datasheet HTML 13Page - STMicroelectronics TS924_08 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TS924
Ordering information
13/14
5
Ordering information
6
Revision history
Table 8.
Order codes
Order code
Temperature
range
Package
Packaging
Marking
TS924IN
-40°C, +125°C
DIP14
Tube
TS924IN
TS924AIN
TS924AIN
TS924ID
TS924IDT
SO-14
Tube or
Tape and reel
924I
TS924AID
TS924AIDT
924AI
TS924IYD (1)
TS924IYDT (1)
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent.
SO-14
(Automotive grade)
Tube or
Tape and reel
924IY
TS924AIYD (1)
TS924AIYDT (1)
924AIY
TS924IPT (2)
2.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.
TSSOP14
Tape and reel
924I
TS924AIPT (2)
924AI
TS924IYPT (2)
TSSOP14
(Automotive grade)
Tape and reel
924IY
TS924AIYPT (2)
924AIY
Table 9.
Document revision history
Date
Revision
Changes
28-May-2001
1
First release.
12-May-2005
2
Modifications on AMR Table on page 2 (explanation of Vid and Vin
limits, ESD MM and CDM values added, Rthja added).
31-Jul-2005
3
PPAP references inserted in the datasheet see Table 1 on page 3.
30-Nov-2005
4
Package mechanical data modified.
TS924IYPT/TS924AYIPT PPAP reference inserted in order code
table.
Macromodel modified.
11-Mar-2008
5
Added footnotes for automotive grade order codes in order code
table.
Updated document format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com