Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS464CPT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS464CPT
Description  Output Rail-to-Rail Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS464CPT Datasheet(HTML) 1 Page - STMicroelectronics

  TS464CPT Datasheet HTML 1Page - STMicroelectronics TS464CPT Datasheet HTML 2Page - STMicroelectronics TS464CPT Datasheet HTML 3Page - STMicroelectronics TS464CPT Datasheet HTML 4Page - STMicroelectronics TS464CPT Datasheet HTML 5Page - STMicroelectronics TS464CPT Datasheet HTML 6Page - STMicroelectronics TS464CPT Datasheet HTML 7Page - STMicroelectronics TS464CPT Datasheet HTML 8Page - STMicroelectronics TS464CPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2005
Revision 2
1/12
■ High dynamic features
■ Large output swing (±2.4V @ VCC = ±2.5V)
■ Low noise level: 4nV/√Hz
■ Low distortion: 0.003%
■ Operating range: 2.7V to 10V
■ Available in SOT23-5 micropackage
Description
The TS46x are a family of operational amplifiers
able to operate with voltages as low as ±1.35V
and to reach a minimum of ±2Vpp of output
swing when supplied with ±2.5V.
This device is well-suited for all kinds of portable
and battery-supplied equipment, where low noise
and low distortion are key requirements.
The TS461/2/4 offer excellent output rail-to-rail
performance at an attractive cost.
Applications
■ Sound cards
■ PDA
■ CD players
■ Recording equipment
■ Multimedia
■ Microphone preamplifiers
Pin Connections (top view)
Order Codes
TS461CLT
TS464CN-TS464CD-TS464CPT
TS461CD
TS462CN-TS462CD-TS462CPT-TS462CST
1
2
3
45
6
7
8
-
+
-
+
Inverting Input 1
Output 1
Non-inverting Input 1
VDD
VCC
Output 2
Inverting Input 2
Non-inverting Input 2
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
DD
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
CC
V
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
1
2
3
4
5
6
7
8
-
+
Inverting Input 1
N.C.
Non-inverting Input 1
V DD
VCC
Output 2
N.C.
N.C.
1
2
3
4
5
Inverting input
Non-inverting input
Output
VDD
VCC
Part Number
Temperature Range
Package
Packaging
Marking
TS461CLT
-20°C, +70°C
SOT23-5L
Tape & Reel
K105
TS461CD/CDT
SO-8
Tube or Tape & Reel
TS462CST
mini SO-8
Tape & Reel
TS462CPT
TSSOP-8
(Thin Shrink Outline Package)
Tape & Reel
TS462CN
DIP8
Tube
TS462CD/CDT
SO-8
Tube or Tape & Reel
TS464CPT
TSSOP-14
(Thin Shrink Outline Package)
Tape & Reel
TS464CN
DIP14
Tube
TS464CD/CDT
SO-14
Tube or Tape & Reel
Output Rail-to-Rail Operational Amplifiers
TS461-TS462-TS464


Similar Part No. - TS464CPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS464CPT STMICROELECTRONICS-TS464CPT Datasheet
75Kb / 10P
OUTPUT RAIL TO RAIL OPERATIONAL AMPLIFIERS
Aug-1999
TS464CPT STMICROELECTRONICS-TS464CPT Datasheet
280Kb / 13P
Output rail-to-rail operational amplifiers
02-Apr-2009
More results

Similar Description - TS464CPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461 Datasheet
75Kb / 10P
OUTPUT RAIL TO RAIL OPERATIONAL AMPLIFIERS
Aug-1999
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
Output rail-to-rail micropower operational amplifiers
05-Mar-2009
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
Output rail-to-rail operational amplifiers
02-Apr-2009
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
SGM8932 SGMICRO-SGM8932 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
SGM8933 SGMICRO-SGM8933 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_15 Datasheet
483Kb / 11P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com