Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NESW007T Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NESW007T
Description  TYPE WHITE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESW007T Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NESW007T Datasheet HTML 1Page - NICHIA CORPORATION NESW007T Datasheet HTML 2Page - NICHIA CORPORATION NESW007T Datasheet HTML 3Page - NICHIA CORPORATION NESW007T Datasheet HTML 4Page - NICHIA CORPORATION NESW007T Datasheet HTML 5Page - NICHIA CORPORATION NESW007T Datasheet HTML 6Page - NICHIA CORPORATION NESW007T Datasheet HTML 7Page - NICHIA CORPORATION NESW007T Datasheet HTML 8Page - NICHIA CORPORATION NESW007T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
-1-
Nichia STSE-CC4006A
<Cat.No.040409>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
15
mA
Pulse Forward Current
IFP
50
mA
Reverse Voltage
VR
5
mA
Power Dissipation
PD
60
mW
Operating Temperature
Topr
-40 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
Reflow Soldering : 260°C
for 10sec.
Hand Soldering : 350°C
for 3sec.
IFP Conditions : Pulse Width
10msec. and Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=10[mA]
-
3.6
4.0
V
Reverse Current
IR
VR= 5[V]
-
-
50
µA
Rank S
Iv
IF=10[mA]
500
600
720
mcd
Rank R
Iv
IF=10[mA]
360
430
500
mcd
Luminous Intensity
Rank Q
Iv
IF=10[mA]
250
300
360
mcd
!
Luminous Intensity Measurement allowance is ± 10%.
Color Ranks
(IF=10mA,Ta=25°C)
Rank a0
Rank b1
x
0.280
0.264
0.283
0.296
x
0.287
0.283
0.330
0.330
y
0.248
0.267
0.305
0.276
y
0.295
0.305
0.360
0.339
Rank b2
Rank c0
x
0.296
0.287
0.330
0.330
x
0.330
0.330
0.361
0.356
y
0.276
0.295
0.339
0.318
y
0.318
0.360
0.385
0.351
!
Color Coordinates Measurement allowance is ± 0.01.
!
One delivery will include up to two consecutive color ranks and three luminous intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
2.TYPICAL INITIAL OPTICAL/ELECTRICAL CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE DIMENSIONS AND MATERIALS
Please refer to figure’s page.
Material as follows ;
Package
:
Heat-Resistant Polymer
Encapsulating Resin :
Epoxy Resin (with Diffused + YAG Phosphor)
Electrodes
:
Ag Plating Copper Alloy
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com