Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSA072T Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NFSA072T
Description  AMBER LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSA072T Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NFSA072T Datasheet HTML 1Page - NICHIA CORPORATION NFSA072T Datasheet HTML 2Page - NICHIA CORPORATION NFSA072T Datasheet HTML 3Page - NICHIA CORPORATION NFSA072T Datasheet HTML 4Page - NICHIA CORPORATION NFSA072T Datasheet HTML 5Page - NICHIA CORPORATION NFSA072T Datasheet HTML 6Page - NICHIA CORPORATION NFSA072T Datasheet HTML 7Page - NICHIA CORPORATION NFSA072T Datasheet HTML 8Page - NICHIA CORPORATION NFSA072T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
-1-
Nichia
STSE-CC7038A-1
<Cat.No.070622>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ts=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
250
mA
Pulse Forward Current
IFP
350
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
950
mW
Operating Temperature
Topr
-40 ~ +100
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Dice Temperature
Tj
150
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
Hand Soldering
:
350°C
for 3sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ts=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=150[mA]
(3.5)
3.8
V
Luminous Flux
φv
IF=150[mA]
(10)
-
lm
x
-
IF=150[mA]
0.57
-
-
Chromaticity Coordinate
y
-
IF=150[mA]
0.42
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ts=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank P6
12.7
15.1
Rank P5
10.7
12.7
Rank P4
9.0
10.7
Luminous Flux
Rank P3
φv
IF=150[mA]
7.6
9.0
lm
Luminous Flux Measurement allowance is ± 7%.
Color Rank
(IF=150mA,Ts=25°C)
Rank L3
x
0.576
0.549
0.562
0.589
y
0.407
0.425
0.438
0.411
Color Coordinates Measurement allowance is ± 0.01.
2.INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to figure’s page.
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com