Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSW036ALT Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part # NFSW036ALT
Description  WHITE LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW036ALT Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NFSW036ALT Datasheet HTML 8Page - NICHIA CORPORATION NFSW036ALT Datasheet HTML 9Page - NICHIA CORPORATION NFSW036ALT Datasheet HTML 10Page - NICHIA CORPORATION NFSW036ALT Datasheet HTML 11Page - NICHIA CORPORATION NFSW036ALT Datasheet HTML 12Page - NICHIA CORPORATION NFSW036ALT Datasheet HTML 13Page - NICHIA CORPORATION NFSW036ALT Datasheet HTML 14Page - NICHIA CORPORATION NFSW036ALT Datasheet HTML 15Page - NICHIA CORPORATION NFSW036ALT Datasheet HTML 16Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
20mA
100mA
150mA
250mA
450mA
0℃
25℃
50℃
85℃
-40℃
100℃
1.0
0.5
0
Ambient Temperature vs.
Chromaticity Coordinate
Directivity
Spectrum
Forward Current vs.
Chromaticity Coordinate
Radiation Angle
x
Wavelength
λ (nm)
Ta=25°C
IFP=150mA
x
0°
10° 20°
30°
40°
50°
60°
70°
80°
90°
IFP=150mA
Ta=25°C
0°
30°
0.5
90°
60°
1.0
Ta=25°C
IFP=150mA
350
550
650
750
450
0.34
0.33
0.31
0.30
0.32
0.29
0.30
0.31
0.32
0.33
0.34
0.33
0.31
0.30
0.32
0.29
0.30
0.31
0.32
0.33
1.2
1.0
0.8
0.4
0.2
0
0.6
Model
NFSW036AL
NICHIA CORPORATION Title
No.
080311811741
CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com