Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTF3130 Datasheet(PDF) 3 Page - Humirel

Part # HTF3130
Description  TEMPERATURE AND HUMIDITY MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTF3130 Datasheet(HTML) 3 Page - Humirel

  HTF3130 Datasheet HTML 1Page - Humirel HTF3130 Datasheet HTML 2Page - Humirel HTF3130 Datasheet HTML 3Page - Humirel HTF3130 Datasheet HTML 4Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL
DATA
3
Typical temperature output
CHARACTERISTICS
Depending on the needed temperature measurement range
and associated accuracy, we suggest two methods to access to
the NTC resistance values.
1
NTC resistance in
Ωat temperature T in K
NTC resistance in
Ωat rated temperature in K
Temperature in K
B value,material-specific constant of the NTC thermistor
Base of natural logarithm (e =2.71828)
Humirel Sensor Device Data / HPC050VB Dec 2005
Characteristics
Symbol
Min.
Typ.
Max.
Unit.
Nominal resistance @ 25°C
10
kΩ
Beta value : B25/100
B
3600
3730
3800
Temperature measuring range
Ta
- 40
85
°C
Nominal Resistance Tolerance at 25°C
Rn
2
3
%
B value tolerance
B
3
%
Response Time
τ
10
s
-40
262960 35403
-38
232539 30358
-36
206064 26075
-34
182852 22416
-32
162498 19290
-30
144790 16636
-28
129054 14343
-26
115243
12383
-24
103115
10705
-22
92354
9257
-20
82923
8020
-19
78581
7463
-18
74497
6947
-17
70655
6468
-16
67039
6023
-15
63591
5606
-14
60381
5222
-13
57356
4865
-12
54503
4533
-11
51813
4225
-10
49204
3932
-9
46767
3662
-8
44467
3411
-7
42296
3177
-6
40247
2960
-5
38279
2756
-4
36455
2568
-3
34731
2393
Temperature
Resistance
Max.
°C
(ohm)
Deviation
-2
33100
2230
-1
31557
2078
0
30029
1932
1
28627
1799
2
27299
1675
3
26042
1560
4
24852
1452
5
23773
1355
6
22708
1261
7
21698
1174
8
20739
1093
9
19829
1017
10
18959
946
11
18128
879
12
17338
817
13
16588
759
14
15876
705
15
15207
654
16
14569
607
17
13962
563
18
13384
522
19
12834
484
20
12280
447
21
11777
413
22
11297
382
23
10840
353
24
10404
325
25
10000
300
The actual characteristic of an NTC thermistor can, however, only
be roughly described by the exponential relation,as the material
parame ter B in reality also depends on temperature. So this
approach is only suitable for describing a restricted range around
the rated temperature or resistance with sufficient accuracy.
2 For practical applications a more precise description of the real
R/T curve may be required. Either more complicated approaches (e.g
the
Steinhart-Hart
equation)
are
used
or
the
resistance/
temperature relation as given in tabulated form. The below table
has been experimentally determined with utmost accuracy for
temperature increments of 1 degree.
26
9600
300
27
9218
300
28
8853
299
29
8506
297
30
8178
296
31
7866
294
32
7568
292
33
7283
290
34
7011
287
35
6734
284
36
6484
281
37
6244
278
38
6015
275
39
5796
271
40
5575
267
41
5373
264
42
5180
260
43
4995
257
44
4817
253
45
4636
248
46
4473
245
47
4316
241
48
4166
237
49
4021
233
50
3874
229
51
3737
225
52
3606
221
53
3481
217
54
3360
213
55
3237
208
56
3126
204
57
3019
200
58
2917
197
59
2819
193
60
2720
189
61
2629
185
62
2542
182
63
2458
178
64
2378
175
65
2304
171
66
2229
168
67
2158
165
68
2089
161
69
2022
158
70
1960
155
71
1898
152
72
1839
149
73
1782
146
74
1727
143
75
1673
140
77
1573
135
79
1480
130
81
1390
124
83
1310
119
85
1235
115
Temperature
Resistance
Max.
°C
(ohm)
Deviation
Temperature
Resistance
Max.
°C
(ohm)
Deviation
Temperature
Resistance
Max.
°C
(ohm)
Deviation
Temperature sensor (Ta = 25°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com