Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTF3226LF Datasheet(PDF) 2 Page - Humirel

Part # HTF3226LF
Description  TEMPERATURE AND HUMIDITY MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTF3226LF Datasheet(HTML) 2 Page - Humirel

  HTF3226LF Datasheet HTML 1Page - Humirel HTF3226LF Datasheet HTML 2Page - Humirel HTF3226LF Datasheet HTML 3Page - Humirel HTF3226LF Datasheet HTML 4Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RH (%)
0
5
10
15
20
25
30
35
40
45
50
Fout (Hz)
9490
9390
9295
9205
9125
9040
8965
8890
8820
RH (%)
55
60
65
70
75
80
85
90
95
100
Fout (Hz)
8750
8680
8615
8550
8485
8420
8355
8290
8225
Modeled Signal output (Linear Reference curve) : Fout = 9595 - 14.8*RH with Fout in Hz and RH in %
Typical response look-up table
TECHNICAL
DATA
2
Humirel Sensor Device Data / HPC053 RevD June 2005
Typical , Minimum and Maximum Frequency Values for HTF3226
LF
Calibration data are traceable to NIST standards through CETIAT laboratory.
Relative Humidity Accuracy of HTF 3226
LF
Relative Humidity in %
Relative Humidity in %
Modeled Signal output (Second order curve) : Fout = 9659 - 18.79*RH + 0.0404*RH 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com