Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSW036LT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NFSW036LT
Description  TYPE WHITE LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW036LT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NFSW036LT Datasheet HTML 1Page - NICHIA CORPORATION NFSW036LT Datasheet HTML 2Page - NICHIA CORPORATION NFSW036LT Datasheet HTML 3Page - NICHIA CORPORATION NFSW036LT Datasheet HTML 4Page - NICHIA CORPORATION NFSW036LT Datasheet HTML 5Page - NICHIA CORPORATION NFSW036LT Datasheet HTML 6Page - NICHIA CORPORATION NFSW036LT Datasheet HTML 7Page - NICHIA CORPORATION NFSW036LT Datasheet HTML 8Page - NICHIA CORPORATION NFSW036LT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
-1-
Nichia
STSE-CC5172B
<Cat.No.070427>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ts=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
180
mA
Pulse Forward Current
IFP
350
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
684
mW
Operating Temperature
Topr
-40 ~ +100
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Dice Temperature
Tj
130
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
Hand Soldering
:
350°C
for 3sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ts=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=150[mA]
(3.5)
3.8
V
Luminous Intensity
Iv
IF=150[mA]
(16.0)
-
cd
Luminous Flux
φv
IF=150[mA]
(20.0)
-
lm
x
-
IF=150[mA]
0.31
-
-
Chromaticity Coordinate
y
-
IF=150[mA]
0.32
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ts=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank T
Iv
IF=150[mA]
16.3
23.0
cd
Luminous Intensity
Rank S
Iv
IF=150[mA]
11.5
16.3
cd
Luminous Intensity Measurement allowance is ± 10%.
Color Ranks
(IF=150mA,Ts=25°C)
Rank a0
x
0.280
0.264
0.283
0.296
y
0.248
0.267
0.305
0.276
Rank b3
Rank b4
x
0.287
0.283
0.304
0.307
x
0.307
0.304
0.330
0.330
y
0.295
0.305
0.330
0.315
y
0.315
0.330
0.360
0.339
Rank b5
Rank b6
x
0.296
0.287
0.307
0.311
x
0.311
0.307
0.330
0.330
y
0.276
0.295
0.315
0.294
y
0.294
0.315
0.339
0.318
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com