Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSW072T Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NFSW072T
Description  TYPE WHITE LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW072T Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NFSW072T Datasheet HTML 6Page - NICHIA CORPORATION NFSW072T Datasheet HTML 7Page - NICHIA CORPORATION NFSW072T Datasheet HTML 8Page - NICHIA CORPORATION NFSW072T Datasheet HTML 9Page - NICHIA CORPORATION NFSW072T Datasheet HTML 10Page - NICHIA CORPORATION NFSW072T Datasheet HTML 11Page - NICHIA CORPORATION NFSW072T Datasheet HTML 12Page - NICHIA CORPORATION NFSW072T Datasheet HTML 13Page - NICHIA CORPORATION NFSW072T Datasheet HTML 14Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
0100
500
300
200
400
3.0
2.0
0.5
0
1.5
1.0
2.5
030
60
90
120
-60 -30
0
306090
120
-60 -30
Forward Current IFP (mA)
Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
Forward Voltage VF (V)
Forward Voltage vs.
Forward Current
Duty Ratio vs.
Allowable Forward Current
1
5
10
20
100
50
1000
150
100
50
10
2.0
1.0
0.5
0.2
IFP=150mA
Pulse Width <
= 10msec.
5.0
4.5
4.0
3.5
3.0
2.5
2.5
3.0
3.5
4.0
5.0
4.5
80
100 120
40
020
60
Ambient Temperature vs.
Relative Luminous Flux
Forward Current vs.
Relative Luminous Flux
IFP=150mA
1000
350
100
250
500
Ta=25°C
Ta=25°C
Ta=25°C
400
250
0
195
152
124
Model
NFSW072
NICHIA CORPORATION Title
No.
070402763181
CHARACTERISTICS
Rja=70°C/W
Rja=110°C/W
Rja=90°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com