Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD12NE06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD12NE06
Description  N - CHANNEL 60V - 0.08ohm - 12A - IPAK/DPAK SINGLE FEATURE SIZE POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12NE06 Datasheet(HTML) 1 Page - STMicroelectronics

  STD12NE06 Datasheet HTML 1Page - STMicroelectronics STD12NE06 Datasheet HTML 2Page - STMicroelectronics STD12NE06 Datasheet HTML 3Page - STMicroelectronics STD12NE06 Datasheet HTML 4Page - STMicroelectronics STD12NE06 Datasheet HTML 5Page - STMicroelectronics STD12NE06 Datasheet HTML 6Page - STMicroelectronics STD12NE06 Datasheet HTML 7Page - STMicroelectronics STD12NE06 Datasheet HTML 8Page - STMicroelectronics STD12NE06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
STD12NE06
N - CHANNEL 60V - 0.08
Ω - 12A - IPAK/DPAK
SINGLE FEATURE SIZE
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.08
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
AVALANCHE RUGGED TECHNOLOGY
s
100 % AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
s
ADD SUFFIX ”T4” FOR ORDERING IN TAPE
& REEL
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™” strip-based process. The resulting transi-
stor shows extremely high packing density for low
on-resistance, rugged avalanche characteristics
and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR CONTROL (DISK DRIVES,etc.)
s
DC-DC & DC-AC CONVERTERS
s
SYNCHRONOUS RECTIFICATION
®
INTERNAL SCHEMATIC DIAGRAM
TYPE
VDSS
RDS(on)
ID
STD12NE06
60 V
< 0.10
Ω
12 A
March 1999
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Unit
VDS
Drain-source Volt age (VGS =0)
60
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)60
V
VGS
Gat e-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
oC12
A
ID
Drain Current (continuous) at Tc =100
oC8
A
IDM(
•)
Drain Current (pulsed)
48
A
Ptot
Tot al Dissipation at Tc =25
oC35
W
Derating F act or
0.23
W /
oC
dv/ dt(1 )
Peak Diode Recovery voltage slope
6
V/ns
Tstg
Storage T emperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 12 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
3
2
1
IPAK
TO-251
(Suffix ”-1”)
1
3
DPAK
TO-252
(Suffix ”T4”)
1/10


Similar Part No. - STD12NE06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD12NE06 ISC-STD12NE06 Datasheet
360Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STD12NE06L STMICROELECTRONICS-STD12NE06L Datasheet
92Kb / 9P
N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET
Jan-2000
logo
VBsemi Electronics Co.,...
STD12NE06L-1 VBSEMI-STD12NE06L-1 Datasheet
963Kb / 7P
N-Channel 60 V (D-S) MOSFET
STD12NE06LT4 VBSEMI-STD12NE06LT4 Datasheet
1,006Kb / 8P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STD12NE06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Dec-2001
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Jun-2003
STD16NE06 STMICROELECTRONICS-STD16NE06 Datasheet
91Kb / 9P
N - CHANNEL 60V - 0.07ohm - 16A DPAK/IPAK STripFET POWER MOSFET
Feb-2000
STD30NF06L STMICROELECTRONICS-STD30NF06L Datasheet
461Kb / 10P
N-CHANNEL 60V - 0.022Ω - 35A DPAK/IPAK STripFET™ POWER MOSFET
Jul-2002
STD19NE06 STMICROELECTRONICS-STD19NE06 Datasheet
306Kb / 9P
N-CHANNEL 60V - 0.042 W - 19A IPAK/DPAK STripFET POWER MOSFET
Mar-2002
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
442Kb / 11P
N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
10-Jan-2006
logo
ON Semiconductor
MTD2955V ONSEMI-MTD2955V Datasheet
74Kb / 10P
Power MOSFET 12A, 60V P-Channel DPAK
April, 2004 ??Rev. 7
logo
STMicroelectronics
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
03-Jul-2006
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
19-Feb-2007
STD12NF06-1 STMICROELECTRONICS-STD12NF06-1 Datasheet
333Kb / 14P
N-channel 60V - 0.08Ω - 12A - DPAK - IPAK STripFET™II Power MOSFET
19-Feb-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com