Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJSG107T Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NJSG107T
Description  TYPE GREEN LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSG107T Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NJSG107T Datasheet HTML 1Page - NICHIA CORPORATION NJSG107T Datasheet HTML 2Page - NICHIA CORPORATION NJSG107T Datasheet HTML 3Page - NICHIA CORPORATION NJSG107T Datasheet HTML 4Page - NICHIA CORPORATION NJSG107T Datasheet HTML 5Page - NICHIA CORPORATION NJSG107T Datasheet HTML 6Page - NICHIA CORPORATION NJSG107T Datasheet HTML 7Page - NICHIA CORPORATION NJSG107T Datasheet HTML 8Page - NICHIA CORPORATION NJSG107T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
-1-
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Tc=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
500
mA
Pulse Forward Current
IFP
800
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
2.2
W
Operating Temperature
Topr
-40 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Dice Temperature
Tj
130
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Tc=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=350[mA]
(3.9)
4.4
V
Luminous Flux
φv
IF=350[mA]
(65)
-
lm
x
-
IF=350[mA]
0.189
-
-
Chromaticity Coordinate
y
-
IF=350[mA]
0.718
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Tc=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank H
4.0
4.4
Rank M
3.6
4.0
Forward Voltage
Rank L
VF
IF=350[mA]
3.2
3.6
V
Rank P16
72.0
85.6
Rank P15
60.5
72.0
Rank P14
51.0
60.5
Luminous Flux
Rank P13
φV
IF=350[mA]
42.8
51.0
lm
Forward Voltage Measurement allowance is ± 3%.
Luminous Flux Measurement allowance is ± 10%.
Color Ranks
(IF=350mA,Tc=25°C)
Rank G
Rank H
x
0.14
0.14
0.22
0.22
x
0.21
0.21
0.28
0.28
y
0.64
0.74
0.74
0.64
y
0.65
0.73
0.73
0.65
Color Coordinates Measurement allowance is ± 0.01.
Basically, a shipment shall consist of the LEDs of a combination of the above ranks.
The percentage of each rank in the shipment shall be determined by Nichia.
2.INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to “CHARACTERISTICS” on the following pages.
<
=
<
=
Nichia STS-DA1-0051
<Cat.No.071228>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com