Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG3433CFB Datasheet(PDF) 2 Page - Humirel

Part # HTG3433CFB
Description  RELATIVE HUMIDITY AND TEMPERATURE MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3433CFB Datasheet(HTML) 2 Page - Humirel

  HTG3433CFB Datasheet HTML 1Page - Humirel HTG3433CFB Datasheet HTML 2Page - Humirel HTG3433CFB Datasheet HTML 3Page - Humirel HTG3433CFB Datasheet HTML 4Page - Humirel HTG3433CFB Datasheet HTML 5Page - Humirel HTG3433CFB Datasheet HTML 6Page - Humirel HTG3433CFB Datasheet HTML 7Page - Humirel HTG3433CFB Datasheet HTML 8Page - Humirel HTG3433CFB Datasheet HTML 9Page - Humirel Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3400 Series Datasheet / HPC124 Rev A November 2007
2
Power Supply option of HTG3400 Series at 5VDC
Continuous Mode:
When powering HTG3400 series modules at 5VDC in continuous mode, an initial 3-minute stabilization time (ts) is
necessary to reach the temperature and the RH outputs with an optimum accuracy.
Pulsed Mode:
When powering HTG3400 series modules in pulsed mode, accurate temperature and RH measurement is reached
instantaneously. Time up (Tup) must be of 5% of the cycle time. Minimum time up (Tup) is 150 ms. Thus minimium
cycle time is 3s.
Power Supply option of HTG3400 Series at 3.3VDC
At 3.3VDC power supply, there is no measurable impact of type of powering on temperature and RH accuracy.
Cycle time
Supply Voltage (V)
Time
Tup = 5% of
cycle time
Vcc = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com