Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG3513CFB Datasheet(PDF) 9 Page - Humirel

Part # HTG3513CFB
Description  RELATIVE HUMIDITY AND TEMPERATURE MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3513CFB Datasheet(HTML) 9 Page - Humirel

Back Button HTG3513CFB Datasheet HTML 2Page - Humirel HTG3513CFB Datasheet HTML 3Page - Humirel HTG3513CFB Datasheet HTML 4Page - Humirel HTG3513CFB Datasheet HTML 5Page - Humirel HTG3513CFB Datasheet HTML 6Page - Humirel HTG3513CFB Datasheet HTML 7Page - Humirel HTG3513CFB Datasheet HTML 8Page - Humirel HTG3513CFB Datasheet HTML 9Page - Humirel HTG3513CFB Datasheet HTML 10Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3500 Series Datasheet / HPC123 Rev B November 2007
9
Package Outline
with PVBL connector
(4.27 mm – 0.198 in long)
Color : Black
Weight : 1.8g
2
"
$
A
27 ± 0.25
B
11.9 ± 0.2
C
5.5 ± 0.2
F
10.8 ± 0.5
Package Outline
with CFB connector
Color : Black
Weight : 1.8g
2
"
$
A
27 ± 0.25
B
11.9 ± 0.2
C
5.5 ± 0.2
F
5.96 ± 0.5
Double coated adhesive tape could be used on potted area for housings 1 and 3 (ref: 3M – 5925F) to fix parts.
• RESISTANCE TO PHYSICAL AND CHEMICAL STRESSES
HTG3500 series contain circuits to protect its inputs and outputs against Electrostatic discharges (ESD) up to
±15kV, air discharge.
HTG3500 series are protected against EMC interferences.
HTG3500 series are protected against reverse polarity.
Additional tests under harsh chemical conditions demonstrate good operation in presence of salt atmosphere,
SO2 (0.5%), H2S (0.5%), O3, NOx, NO, CO, CO2, Softener, Soap, Toluene, acids (H2SO4, HNO3, HCl), HMDS,
Insecticide, Cigarette smoke, a non-exhaustive list.
HTG3500 series are not light sensitive.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com