Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG3533CFB Datasheet(PDF) 7 Page - Humirel

Part # HTG3533CFB
Description  RELATIVE HUMIDITY AND TEMPERATURE MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3533CFB Datasheet(HTML) 7 Page - Humirel

Back Button HTG3533CFB Datasheet HTML 2Page - Humirel HTG3533CFB Datasheet HTML 3Page - Humirel HTG3533CFB Datasheet HTML 4Page - Humirel HTG3533CFB Datasheet HTML 5Page - Humirel HTG3533CFB Datasheet HTML 6Page - Humirel HTG3533CFB Datasheet HTML 7Page - Humirel HTG3533CFB Datasheet HTML 8Page - Humirel HTG3533CFB Datasheet HTML 9Page - Humirel HTG3533CFB Datasheet HTML 10Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3400 Series Datasheet / HPC124 Rev A November 2007
7
• CONNECTING AND MECHANICAL CHARACTERISTICS
Connecting Characteristics
$ + + ,
-
"
.
Side Connector
CH
1 & 3
-
JST ZHR-4
Short Male Connector (1) (3)
(1.65 mm – 0.065 in long)
PVBS
3
Samtec
CLT 104 Series
Long Male Connector (2) (3)
(4.27 mm – 0.198 in long)
PVBL
3
Direct Soldering
(through hole)
Female Connector (1) (3)
CFB
3
-
Samtec
TMM 104-05-D
* For alternate connector type, please contact factory.
(1) Connector should undergo vibration test before validation.
A second fixing point add double-sided adhesive tape (ref: 3M – 5925F).
(2) For board-to-board mounting, we suggest wave soldering.
(3) Pins are connected by twos.
Pin Out Assignment (with any connector)
/ )
"
1
Ground
2
Vcc – Voltage Supply
3
NTC – Temperature
4
Fout - Humidity
Wiring Characteristics
$ + + ,
0
1
Wiring cable length: TBD
Wiring cable type: AWG 30
With wires
3
Wiring cable length: TBD
Wiring cable type: AWG 30
Pin Out Assignment (with wires)
"
Black
Ground
Red
Vcc – Voltage Supply
Green
NTC – Temperature
Yellow
Fout - Humidity
2
1
3 4
1 2
3 4
2 1
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com