Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJSW072T Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NJSW072T
Description  TYPE WHITE LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSW072T Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NJSW072T Datasheet HTML 1Page - NICHIA CORPORATION NJSW072T Datasheet HTML 2Page - NICHIA CORPORATION NJSW072T Datasheet HTML 3Page - NICHIA CORPORATION NJSW072T Datasheet HTML 4Page - NICHIA CORPORATION NJSW072T Datasheet HTML 5Page - NICHIA CORPORATION NJSW072T Datasheet HTML 6Page - NICHIA CORPORATION NJSW072T Datasheet HTML 7Page - NICHIA CORPORATION NJSW072T Datasheet HTML 8Page - NICHIA CORPORATION NJSW072T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
-3-
Nichia
STSE-CC7040A
<Cat.No.070416>
6.RELIABILITY
(1) TEST ITEMS AND RESULTS
Test Item
Standard
Test Method
Test Conditions
Note
Number of
Damaged
Resistance to
Soldering Heat
(Reflow Soldering)
JEITA ED-4701
300 301
Tsld=260°C,
10sec.
(Pre treatment 30°C,70%,168hrs.)
2 times
0/22
Solderability
(Reflow Soldering)
JEITA ED-4701
300 303
Tsld=215 ± 5°C,
3sec.
(Lead Solder)
1 time
over 95%
0/22
Thermal Shock
JEITA ED-4701
300 307
-40°C
~
100°C
1min. (10sec.) 1min.
(Pre treatment 30°C,70%,168hrs.)
100 cycles
0/50
Temperature Cycle
JEITA ED-4701
100 105
-40°C ~ 25°C ~ 100°C ~ 25°C
30min. 5min. 30min. 5min.
100 cycles
0/50
Moisture Resistance Cyclic
JEITA ED-4701
200 203
25°C ~ 65°C ~ -10°C
90%RH
24hrs./1cycle
10 cycles
0/50
High Temperature Storage
JEITA ED-4701
200 201
Ta=100°C
1000 hrs.
0/50
Temperature Humidity
Storage
JEITA ED-4701
100 103
Ta=60°C,
RH=90%
1000 hrs.
0/50
Low Temperature Storage
JEITA ED-4701
200 202
Ta=-40°C
1000 hrs.
0/50
Steady State Operating Life
Ta=25°C, IF=450mA
Tested with Nichia standard circuit board.
1000 hrs.
0/50
Steady State Operating Life
of High Temperature
Ta=100°C, IF=180mA
Tested with Nichia standard circuit board.
1000 hrs.
0/50
Steady State Operating Life
of High Humidity Heat
60°C, RH=90%, IF=350mA
Tested with Nichia standard circuit board.
1000 hrs.
0/50
Steady State Operating Life
of Low Temperature
Ta=-40°C, IF=350mA
Tested with Nichia standard circuit board.
1000 hrs.
0/50
Permanence of Marking
JEITA ED-4701
500 501
Solvent : Isopropyl Alcohol
Solvent Temperature : 20 ~ 25°C
Dipping Time : 5 min.
1 time
0/22
Vibration
JEITA ED-4701
400 403
100 ~ 2000 ~ 100Hz Sweep 4min.
200m/s
2
3directions, 4cycles
48min.
0/10
Electrostatic Discharges
JEITA ED-4701
300 304
R=1.5k
Ω, C=100pF
Test Voltage=2kV
3 times
Negative/Positive
0/22
Thermal resistance of LED with Nichia standard circuit board : Rja ≒ 65°C/W
Nichia standard circuit board : FR4, t=1.6mm, Copper foil, t=0.07mm
(2) CRITERIA FOR JUDGING DAMAGE
Criteria for Judgement
Item
Symbol
Test Conditions
Min.
Max.
Forward Voltage
VF
IF=350mA
-
Initial Level
1.1
Luminous Flux
φv
IF=350mA
Initial Level
0.7
-
The test is performed after the board is cooled down to the room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com