Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJSW107T Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NJSW107T
Description  TYPE WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSW107T Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NJSW107T Datasheet HTML 1Page - NICHIA CORPORATION NJSW107T Datasheet HTML 2Page - NICHIA CORPORATION NJSW107T Datasheet HTML 3Page - NICHIA CORPORATION NJSW107T Datasheet HTML 4Page - NICHIA CORPORATION NJSW107T Datasheet HTML 5Page - NICHIA CORPORATION NJSW107T Datasheet HTML 6Page - NICHIA CORPORATION NJSW107T Datasheet HTML 7Page - NICHIA CORPORATION NJSW107T Datasheet HTML 8Page - NICHIA CORPORATION NJSW107T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
-1-
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Tc=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
500
mA
Pulse Forward Current
IFP
800
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
2.2
W
Operating Temperature
Topr
-40 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Dice Temperature
Tj
130
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Tc=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=350[mA]
(3.7)
4.4
V
Luminous Flux
φv
IF=350[mA]
(72)
-
lm
x
-
IF=350[mA]
0.344
-
-
Chromaticity Coordinate
y
-
IF=350[mA]
0.355
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Tc=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank H
4.0
4.4
Rank M
3.6
4.0
Forward Voltage
Rank L
VF
IF=350[mA]
3.2
3.6
V
Rank P16
72.0
85.6
Rank P15
60.5
72.0
Luminous Flux
Rank P14
φV
IF=350[mA]
51.0
60.5
lm
Forward Voltage Measurement allowance is ± 3%.
Luminous Flux Measurement allowance is ± 7%.
Color Ranks
(IF=350mA,Tc=25°C)
Rank b3
Rank b4
x
0.287
0.283
0.304
0.307
x
0.307
0.304
0.330
0.330
y
0.295
0.305
0.330
0.315
y
0.315
0.330
0.360
0.339
Rank b5
Rank b6
x
0.296
0.287
0.307
0.311
x
0.311
0.307
0.330
0.330
y
0.276
0.295
0.315
0.294
y
0.294
0.315
0.339
0.318
<
=
<
=
Nichia STS-DA1-0043A
<Cat.No.071228>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com