Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNSW108T Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NNSW108T
Description  TYPE WHITE LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NNSW108T Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NNSW108T Datasheet HTML 1Page - NICHIA CORPORATION NNSW108T Datasheet HTML 2Page - NICHIA CORPORATION NNSW108T Datasheet HTML 3Page - NICHIA CORPORATION NNSW108T Datasheet HTML 4Page - NICHIA CORPORATION NNSW108T Datasheet HTML 5Page - NICHIA CORPORATION NNSW108T Datasheet HTML 6Page - NICHIA CORPORATION NNSW108T Datasheet HTML 7Page - NICHIA CORPORATION NNSW108T Datasheet HTML 8Page - NICHIA CORPORATION NNSW108T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
-1-
Nichia
STSE-CC7046C
<Cat.No.070702>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
35
mA
Pulse Forward Current
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
123
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
Hand Soldering
:
350°C
for 3sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20[mA]
-
(3.2)
3.5
V
Reverse Current
IR
VR= 5[V]
-
-
50
µA
Luminous Intensity
(Chromaticity Coordinate 1)
Iv
IF=20[mA]
-
(2.10)
-
cd
x
-
IF=20[mA]
-
0.310
-
-
Chromaticity Coordinate 1
y
-
IF=20[mA]
-
0.320
-
-
Luminous Intensity
(Chromaticity Coordinate 2)
Iv
IF=20[mA]
-
(2.00)
-
cd
Luminous Flux
(Chromaticity Coordinate 2)
φv
IF=20[mA]
-
(5.2)
-
lm
x
-
IF=20[mA]
-
0.300
-
-
Chromaticity Coordinate 2
y
-
IF=20[mA]
-
0.295
-
-
Lifetime
-
Ta=60[°C]
Tj
90[°C]
IF=20[mA]
10000
-
-
hrs
Please refer to CIE 1931 chromaticity diagram.
Estimated time to 50% degradation of initial luminous intensity based on Nichia’s internal test results.
Using Nichia testing circuit board.
(3) Ranking
(Ta=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank A22
Iv
IF=20[mA]
2.20
2.30
cd
Rank A21
Iv
IF=20[mA]
2.10
2.20
cd
Rank A20
Iv
IF=20[mA]
2.00
2.10
cd
Rank A19
Iv
IF=20[mA]
1.90
2.00
cd
Rank A18
Iv
IF=20[mA]
1.80
1.90
cd
Luminous Intensity
Rank A17
Iv
IF=20[mA]
1.70
1.80
cd
Luminous Intensity Measurement allowance is ± 7%.
Color Ranks
(IF=20mA,Ta=25°C)
Rank a525
Rank a526
x
0.2760
0.2720
0.2770
0.2805
x
0.2805
0.2770
0.2820
0.2850
y
0.2530
0.2580
0.2650
0.2600
y
0.2600
0.2650
0.2720
0.2670
<
=
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com