Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPW545CS Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSPW545CS
Description  SPECIFICATIONS FOR NICHIA WHITE LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPW545CS Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSPW545CS Datasheet HTML 1Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 2Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 3Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 4Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 5Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 6Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 7Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 8Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
-1-
Nichia STSE-CW6061A
<Cat.No.060620>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
30
mA
Pulse Forward Current
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
120
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
265°C for 10sec.
IFP Conditions : Pulse Width
10msec. and Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=20[mA]
(3.6)
4.0
V
Reverse Current
IR
VR= 5[V]
-
50
µA
Luminous Intensity
Iv
IF=20[mA]
(2800)
-
mcd
x
-
IF=20[mA]
0.31
-
-
Chromaticity Coordinate
y
-
IF=20[mA]
0.32
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ta=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank V
Iv
IF=20[mA]
3900
5520
mcd
Rank U
Iv
IF=20[mA]
2760
3900
mcd
Luminous Intensity
Rank T
Iv
IF=20[mA]
1950
2760
mcd
Luminous Intensity Measurement allowance is ± 10%.
Color Ranks
(IF=20mA,Ta=25°C)
Rank a0
Rank b1
x
0.280
0.264
0.283
0.296
x
0.287
0.283
0.330
0.330
y
0.248
0.267
0.305
0.276
y
0.295
0.305
0.360
0.339
Rank b2
Rank c0
x
0.296
0.287
0.330
0.330
x
0.330
0.330
0.361
0.356
y
0.276
0.295
0.339
0.318
y
0.318
0.360
0.385
0.351
Color Coordinates Measurement allowance is ± 0.01.
One delivery will include up to two consecutive color ranks and three luminous intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
2.INITIAL OPTICAL/ELECTRICAL CHARACTERISTICS
Please refer to figure’s page.
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com