Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPWR70AS Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSPWR70AS
Description  SPECIFICATIONS FOR NICHIA WHITE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPWR70AS Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSPWR70AS Datasheet HTML 1Page - NICHIA CORPORATION NSPWR70AS Datasheet HTML 2Page - NICHIA CORPORATION NSPWR70AS Datasheet HTML 3Page - NICHIA CORPORATION NSPWR70AS Datasheet HTML 4Page - NICHIA CORPORATION NSPWR70AS Datasheet HTML 5Page - NICHIA CORPORATION NSPWR70AS Datasheet HTML 6Page - NICHIA CORPORATION NSPWR70AS Datasheet HTML 7Page - NICHIA CORPORATION NSPWR70AS Datasheet HTML 8Page - NICHIA CORPORATION NSPWR70AS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
-1-
Nichia
STSE-CW5115B
<Cat.No.070202>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
35
mA
Pulse Forward Current
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
147
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
265°C
for 5sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=30[mA]
(3.8)
4.2
V
Reverse Current
IR
VR= 5[V]
-
50
µA
Luminous Flux
φV
IF=30[mA]
(4.0)
-
lm
x
-
IF=30[mA]
0.31
-
-
Chromaticity Coordinate
y
-
IF=30[mA]
0.32
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ta=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank Rc
φV
IF=30[mA]
4.8
6.8
lm
Rank Rb
φV
IF=30[mA]
3.4
4.8
lm
Luminous Flux
Rank Ra
φV
IF=30[mA]
2.4
3.4
lm
Luminous Flux Measurement allowance is ± 10%.
Color Ranks
(IF=30mA,Ta=25°C)
Rank a0
Rank b3
x
0.280
0.264
0.283
0.296
x
0.287
0.283
0.304
0.307
y
0.248
0.267
0.305
0.276
y
0.295
0.305
0.330
0.315
Rank b4
Rank b5
x
0.307
0.304
0.330
0.330
x
0.296
0.287
0.307
0.311
y
0.315
0.330
0.360
0.339
y
0.276
0.295
0.315
0.294
Rank b6
Rank c0
x
0.311
0.307
0.330
0.330
x
0.330
0.330
0.361
0.356
y
0.294
0.315
0.339
0.318
y
0.318
0.360
0.385
0.351
Color Coordinates Measurement allowance is ± 0.01.
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com