Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSL100CT Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NSSL100CT
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSL100CT Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NSSL100CT Datasheet HTML 3Page - NICHIA CORPORATION NSSL100CT Datasheet HTML 4Page - NICHIA CORPORATION NSSL100CT Datasheet HTML 5Page - NICHIA CORPORATION NSSL100CT Datasheet HTML 6Page - NICHIA CORPORATION NSSL100CT Datasheet HTML 7Page - NICHIA CORPORATION NSSL100CT Datasheet HTML 8Page - NICHIA CORPORATION NSSL100CT Datasheet HTML 9Page - NICHIA CORPORATION NSSL100CT Datasheet HTML 10Page - NICHIA CORPORATION NSSL100CT Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
-6-
Nichia STSE-CC6069A
<Cat.No.060601>
(6) Static Electricity
· Static electricity or surge voltage damages the LEDs.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
· All devices, equipment and machinery must be properly grounded. It is recommended that precautions
be taken against surge voltage to the equipment that mounts the LEDs.
· When inspecting the final products in which LEDs were assembled, it is recommended to check
whether the assembled LEDs are damaged by static electricity or not.
It is easy to find
static-damaged LEDs by a light-on test or a VF test at a lower current (below 1mA is recommended).
· Damaged LEDs will show some unusual characteristics such as the leak current remarkably
increases, the forward voltage becomes lower, or the LEDs do not light at the low current.
Criteria : (VF > 2.0V at IF=0.5mA)
(7) Others
· Care must be taken to ensure that the reverse voltage will not exceed the absolute maximum rating
when using the LEDs with matrix drive.
· The LED light output is strong enough to injure human eyes. Precautions must be taken to prevent
looking directly at the LEDs with unaided eyes for more than a few seconds.
· Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use. Also, people should be cautious when using equipment that has had LEDs
incorporated into it.
· The LEDs described in this brochure are intended to be used for ordinary electronic equipment (such
as office equipment, communications equipment, measurement instruments and household appliances).
Consult Nichia’s sales staff in advance for information on the applications in which exceptional quality
and reliability are required, particularly when the failure or malfunction of the LEDs may directly
jeopardize life or health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor
control systems, automobiles, traffic control equipment, life support systems and safety devices).
· User shall not reverse engineer by disassembling or analysis of the LEDs without having prior written
consent from Nichia.
When defective LEDs are found, the User shall inform Nichia directly before
disassembling or analysis.
· The formal specifications must be exchanged and signed by both parties before large volume purchase begins.
· The appearance and specifications of the product may be modified for improvement without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com