Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSL100D Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSSL100D
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSL100D Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSSL100D Datasheet HTML 5Page - NICHIA CORPORATION NSSL100D Datasheet HTML 6Page - NICHIA CORPORATION NSSL100D Datasheet HTML 7Page - NICHIA CORPORATION NSSL100D Datasheet HTML 8Page - NICHIA CORPORATION NSSL100D Datasheet HTML 9Page - NICHIA CORPORATION NSSL100D Datasheet HTML 10Page - NICHIA CORPORATION NSSL100D Datasheet HTML 11Page - NICHIA CORPORATION NSSL100D Datasheet HTML 12Page - NICHIA CORPORATION NSSL100D Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
-30°C
0°C
25°C
50°C
85°C
1mA
20mA
50mA
110mA
5mA
Y-Y
X-X
1.0
0.5
0
Ambient Temperature vs.
Chromaticity Coordinate
Directivity
Spectrum
Forward Current vs.
Chromaticity Coordinate
Radiation Angle
x
Wavelength
λ (nm)
Ta=25°C
IFP=20mA
Ta=25°C
IF=20mA
x
0°
10° 20°
30°
40°
50°
60°
70°
80°
90°
IFP=20mA
0°
30°
0.5
90°
60°
1.0
X
X
Y
Y
400
500
600
800
700
0.39
0.40
0.41
0.42
0.43
0.41
0.40
0.37
0.39
0.38
0.39
0.40
0.41
0.42
0.43
0.41
0.40
0.38
0.37
0.39
1.2
1.0
0.8
0.4
0.2
0
0.6
Ta=25°C
CHARACTERISTICS
Model
NSSL100D
NICHIA CORPORATION Title
No.
070709768611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com