Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSL100X Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSSL100X
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSL100X Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSSL100X Datasheet HTML 1Page - NICHIA CORPORATION NSSL100X Datasheet HTML 2Page - NICHIA CORPORATION NSSL100X Datasheet HTML 3Page - NICHIA CORPORATION NSSL100X Datasheet HTML 4Page - NICHIA CORPORATION NSSL100X Datasheet HTML 5Page - NICHIA CORPORATION NSSL100X Datasheet HTML 6Page - NICHIA CORPORATION NSSL100X Datasheet HTML 7Page - NICHIA CORPORATION NSSL100X Datasheet HTML 8Page - NICHIA CORPORATION NSSL100X Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
-1-
Nichia
STSE-CC7174A
<Cat.No.070718>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
35
mA
Pulse Forward Current
IFP
110
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
123
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
Hand Soldering
:
350°C
for 3sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=20[mA]
(3.2)
3.5
V
Reverse Current
IR
VR= 5[V]
-
50
µA
Luminous Intensity
Iv
IF=20[mA]
(1150)
-
mcd
x
-
IF=20[mA]
0.41
-
-
Chromaticity Coordinate
y
-
IF=20[mA]
0.39
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ta=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank W
Iv
IF=20[mA]
1240
1760
mcd
Rank V
Iv
IF=20[mA]
880
1240
mcd
Luminous Intensity
Rank U
Iv
IF=20[mA]
620
880
mcd
Luminous Intensity Measurement allowance is ± 10%.
Color Ranks
(IF=20mA,Ta=25°C)
Rank d1
x
0.3575
0.3610
0.3780
0.3988
0.3897
0.3720
y
0.3612
0.3850
0.3970
0.4116
0.3823
0.3714
Rank d2
x
0.3545
0.3575
0.3720
0.3897
0.3822
0.3667
y
0.3408
0.3612
0.3714
0.3823
0.3580
0.3484
Rank e1
x
0.3897
0.3988
0.4162
0.4390
0.4255
0.4053
y
0.3823
0.4116
0.4200
0.4310
0.4000
0.3907
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com