Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPGF50AS Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSPGF50AS
Description  GREEN LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPGF50AS Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSPGF50AS Datasheet HTML 1Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 2Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 3Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 4Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 5Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 6Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 7Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 8Page - NICHIA CORPORATION NSPGF50AS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
-2-
Nichia
STSE-CG7077A
<Cat.No.070531>
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to figure’s page.
Material as follows ;
Resin(Mold) :
Epoxy Resin
Leadframe
:
Ag plating
Copper Alloy
4.PACKAGING
· The LEDs are packed in cardboard boxes after packaging in anti-electrostatic bags.
Please refer to figure’s page.
The label on the minimum packing unit shows ; Part Number, Lot Number, Ranking, Quantity
· In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes for transportation.
· The LEDs may be damaged if the boxes are dropped or receive a strong impact against them,
so precautions must be taken to prevent any damage.
· The boxes are not water resistant and therefore must be kept away from water and moisture.
· When the LEDs are transported, we recommend that you use the same packing method as Nichia.
5.LOT
NUMBER
The first six digits number shows lot number.
The lot number is composed of the following characters;
-
-
Year
( 6 for 2006,
7 for 2007 )
-
Month
( 1 for Jan.,
9 for Sep.,
A for Oct.,
B for Nov. )
-
Nichia's Product Number
-
Ranking by Color Coordinates
-
Ranking by Luminous Intensity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com