Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPR510CS Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSPR510CS
Description  RED LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPR510CS Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSPR510CS Datasheet HTML 1Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 2Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 3Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 4Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 5Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 6Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 7Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 8Page - NICHIA CORPORATION NSPR510CS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
-1-
Nichia
STSE-CR7103A
<Cat.No.070622>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
50
mA
Pulse Forward Current
IFP
200
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
125
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
265°C
for 10sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=20[mA]
(2.1)
2.5
V
Reverse Current
IR
VR= 5[V]
-
50
µA
Luminous Intensity
Iv
IF=20[mA]
(5000)
-
mcd
x
-
IF=20[mA]
0.700
-
-
Chromaticity Coordinate
y
-
IF=20[mA]
0.299
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ta=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank U
Iv
IF=20[mA]
6800
9600
mcd
Rank T
Iv
IF=20[mA]
4800
6800
mcd
Luminous Intensity
Rank S
Iv
IF=20[mA]
3400
4800
mcd
Luminous Intensity Measurement allowance is ± 10%.
Color Rank
(IF=20mA,Ta=25°C)
Rank R
x
0.67
0.67
0.73
0.73
y
0.27
0.33
0.33
0.27
Color Coordinates Measurement allowance is ± 0.01.
One delivery will include up to one color rank and three luminous intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
2.INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to figure’s page.
Material as follows ;
Resin(Mold) :
Epoxy Resin
Leadframe
:
Ag plating
Iron
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com