Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5602 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5602
Description  20W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5602 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5602 Datasheet HTML 17Page - Texas Instruments TAS5602 Datasheet HTML 18Page - Texas Instruments TAS5602 Datasheet HTML 19Page - Texas Instruments TAS5602 Datasheet HTML 20Page - Texas Instruments TAS5602 Datasheet HTML 21Page - Texas Instruments TAS5602 Datasheet HTML 22Page - Texas Instruments TAS5602 Datasheet HTML 23Page - Texas Instruments TAS5602 Datasheet HTML 24Page - Texas Instruments TAS5602 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
SE Input and SE Output (TAS5602 Stereo Configuration)
VGEN
CIN
CL
RIN
RGEN
Twisted-PairWire
Generator
EvaluationModule
AudioPower
Amplifier
Twisted-PairWire
RL
RANA
CANA
Analyzer
RANA
CANA
Lfilt
Cfilt
TAS5602
www.ti.com ...................................................................................................................................................................................................... SLAS593 – JUNE 2008
The SE input and output configuration is used with class-AB amplifiers. A block diagram of a fully SE
measurement circuit is shown in Figure 24. SE inputs normally have one input pin per channel. In some cases,
two pins are present; one is the signal and the other is ground. SE outputs have one pin driving a load through
an output ac-coupling capacitor and the other end of the load is tied to ground. SE inputs and outputs are
considered to be unbalanced, meaning one end is tied to ground and the other to an amplifier input/output.
The generator should have unbalanced outputs, and the signal should be referenced to the generator ground for
best results. Unbalanced or balanced outputs can be used when floating, but they may create a ground loop that
affects the measurement accuracy. The analyzer should have balanced inputs to cancel out any common-mode
noise in the measurement.
Figure 24. SE Input—SE Output Measurement Circuit
The following general rules should be followed when connecting to APAs with SE inputs and outputs:
• Use an unbalanced source to supply the input signal.
• Use an analyzer with balanced inputs.
• Use twisted-pair wire for all connections.
• Use shielding when the system environment is noisy.
• Ensure the cables from the power supply to the APA, and from the APA to the load, can handle the large
currents (see Table 3).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TAS5602



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com