Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5701 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5701
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5701 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5701 Datasheet HTML 9Page - Texas Instruments TAS5701 Datasheet HTML 10Page - Texas Instruments TAS5701 Datasheet HTML 11Page - Texas Instruments TAS5701 Datasheet HTML 12Page - Texas Instruments TAS5701 Datasheet HTML 13Page - Texas Instruments TAS5701 Datasheet HTML 14Page - Texas Instruments TAS5701 Datasheet HTML 15Page - Texas Instruments TAS5701 Datasheet HTML 16Page - Texas Instruments TAS5701 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
BACK-END ERROR (BKND_ERR)
BKND_ERR
VALID
t
w(ER)
t
p(valid_high)
t
p(valid_low)
Normal
Operation
Normal
Operation
T0031-04
MUTE TIMING (MUTE)
t
d(VOL)
VOLUME
MUTE
Normal
Operation
Normal
Operation
t
d(VOL)
50-50
DutyCycle
T0032-03
TAS5701
www.ti.com ...................................................................................................................................................................................................... SLOS559 – JUNE 2008
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tw(ER)
Pulse duration, BKND_ERR active (active-low)
350
ns
tp(valid_high)
Time to stay in the OUT_x low state. After tp(valid_high), the TAS5701 attempts to bring
300
ms
the system out of the OUT_x low state if BKND_ERR is high.
tp(valid_low)
Time TAS5701 takes to bring OUT_x low after BKND_ERR assertion.
350
ns
Figure 7. Error Recovery Timing
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
td(VOL)
Volume ramp time. Ramp time = Number of steps × stepsize(1)
1024
steps
(1)
Stepsize = 4 LRCLKs (for 32–48 kHz sample rate); 8 LRCLKs (for 88.2–96 kHz sample rate); 16 LRCLKs (for 176.4–192 kHz sample
rate)
Figure 8. Mute Timing
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TAS5701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com