Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5701PAPRG4 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5701PAPRG4
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5701PAPRG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5701PAPRG4 Datasheet HTML 10Page - Texas Instruments TAS5701PAPRG4 Datasheet HTML 11Page - Texas Instruments TAS5701PAPRG4 Datasheet HTML 12Page - Texas Instruments TAS5701PAPRG4 Datasheet HTML 13Page - Texas Instruments TAS5701PAPRG4 Datasheet HTML 14Page - Texas Instruments TAS5701PAPRG4 Datasheet HTML 15Page - Texas Instruments TAS5701PAPRG4 Datasheet HTML 16Page - Texas Instruments TAS5701PAPRG4 Datasheet HTML 17Page - Texas Instruments TAS5701PAPRG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
P
-OutputPower-W
O
1kHz
20Hz
10kHz
PVDD=18V
R =6
L
W
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
P
-OutputPower-W
O
20Hz
10kHz
PVDD=18V
R =
L
8 W
1kHz
f − Frequency − Hz
20
PVDD = 18 V
RL = 8 Ω
100
1k
10k
20k
G001
P = 5 W
0.001
0.01
10
0.1
1
P = 2.5 W
P = 0.5 W
f − Frequency − Hz
20
PVDD = 18 V
RL = 6 Ω
100
1k
10k
20k
G002
P = 5 W
0.001
0.01
10
0.1
1
P = 2.5 W
P = 0.5 W
TAS5701
SLOS559 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 9.
Figure 10.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 11.
Figure 12.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com