Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5705PAPRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5705PAPRG4
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705PAPRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5705PAPRG4 Datasheet HTML 1Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 2Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 3Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 4Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 5Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 6Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 7Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 8Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
1
FEATURES
DESCRIPTION
TAS5705
www.ti.com ...................................................................................................................................................................................................... SLOS549 – JUNE 2008
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
Enables Automatic Detection of Incoming
Sample Rates
23
• Audio Input/Output
–
Thermal and Short-Circuit Protection
–
20-W Into an 8-
Ω Load From an 18-V Supply
• Benefits
–
Wide Power-Supply Range From (8 V
to 23 V)
–
EQ: Speaker Equalization Improves Audio
Performance
–
Efficient Class-D Operation Eliminates
Need for Heat Sinks
–
DRC: Dynamic Range Compression.
Enables Power Limiting, Speaker
–
Requires Only Two Power-Supply Rails
Protection, Easy Listening, Night-Mode
–
Two Serial Audio Inputs (Four Audio
Listening
Channels)
–
Autobank Switching: Preload Coefficients
–
Supports 32-kHz–192-kHz Sample Rates
for Different Sample Rates. No Need to
(LJ/RJ/I2S)
Write Any Coefficients to the Part When
–
Headphone PWM Outputs
Sample Rate Changes.
–
Subwoofer PWM Outputs
–
Autodetect: Automatically Detects
• Audio/PWM Processing
Sample-Rate Changes. No Need for
–
Independent Channel Volume Controls With
External Microprocessor Intervention
24-dB to –100-dB Range
–
Soft Mute (50% Duty Cycle)
–
Programmable Dynamic Range Control
The TAS5705 is a 20-W, efficient, digital audio power
amplifier for driving stereo bridge-tied speakers. Two
–
16 Adaptable Biquads for Speaker EQ
serial data inputs allow processing of up to four
–
Seven Biquads for Left and Right
discrete audio channels and seamless integration to
Channels
most digital audio processors and MPEG decoders.
–
Two Biquads for Subwoofer Channel
The device accepts a wide range of input data and
clock rates. A fully programmable data path allows
–
Adaptive Coefficients for DRC Filters
these channels to be routed to the internal speaker
–
Programmable Input and Output Mixers
drivers or output via the line-level subwoofer or
–
DC Blocking Filters
headphone PWM outputs.
–
Loudness Compensation for Subwoofer
The TAS5705 is a slave-only device receiving clocks
–
Automatic Sample Rate Detection and
from external sources. The TAS5705 operates at a
384-kHz switching rate for 32-, 48-, 96-,and 192-kHz
Coefficient Banking for DRC and EQ
data and 352.8-kHz switching rate for 44.1-, 88.2-
• General Features
and 176.4-kHz data. The 8× oversampling combined
–
Serial Control Interface Operational Without
with the fourth-order noise shaper provides a flat
MCLK
noise floor and excellent dynamic range from 20 Hz
to 20 kHz.
–
Factory-Trimmed Internal Oscillator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath Digital is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5705PAPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5701 TI-TAS5701 Datasheet
628Kb / 26P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701 TI1-TAS5701 Datasheet
1Mb / 28P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701PAP TI-TAS5701PAP Datasheet
628Kb / 26P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701PAP TI-TAS5701PAP Datasheet
628Kb / 26P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701PAP TI1-TAS5701PAP Datasheet
1Mb / 28P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
More results

Similar Description - TAS5705PAPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5706A TI-TAS5706A Datasheet
1Mb / 63P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A_0812 TI-TAS5706A_0812 Datasheet
1Mb / 65P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI-TAS5709 Datasheet
1Mb / 59P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706BPAPR TI1-TAS5706BPAPR Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com