Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5946PWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5946PWPR
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5946PWPR Datasheet(HTML) 3 Page - Texas Instruments

  TLC5946PWPR Datasheet HTML 1Page - Texas Instruments TLC5946PWPR Datasheet HTML 2Page - Texas Instruments TLC5946PWPR Datasheet HTML 3Page - Texas Instruments TLC5946PWPR Datasheet HTML 4Page - Texas Instruments TLC5946PWPR Datasheet HTML 5Page - Texas Instruments TLC5946PWPR Datasheet HTML 6Page - Texas Instruments TLC5946PWPR Datasheet HTML 7Page - Texas Instruments TLC5946PWPR Datasheet HTML 8Page - Texas Instruments TLC5946PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
RECOMMENDED OPERATING CONDITIONS
TLC5946
www.ti.com .......................................................................................................................................................... SLVS824B – MARCH 2008 – REVISED JUNE 2008
At TA= –40°C to +85°C, unless otherwise noted.
TLC5946
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
DC Characteristics: VCC = 3 V to 5.5 V
VCC
Supply voltage
3.0
5.5
V
VO
Voltage applied to output
OUT0 to OUT15
17
V
VIH
High-level input voltage
0.7 × VCC
VCC
V
VIL
Low-level input voltage
GND
0.3 × VCC
V
IOH
High-level output current
SOUT
–1
mA
SOUT
1
mA
IOL
Low-level output current
XERR
5
mA
IOLC
Constant output sink current
OUT0 to OUT15, DC = 3Fh
4
40
mA
Operating free-air temperature
TA
–40
+85
°C
range
TJ
Operating junction temperature
–40
+125
°C
AC Characteristics: VCC = 3 V to 5.5 V
SCLK, XHALF = H
30
MHz
fCLK (sclk)
Data shift clock frequency
GSCLK, XHALF = L
15
MHz
fCLK (gsclk)
Grayscale control clock frequency
GSCLK
33
MHz
TWH0 / TWL0
SCLK pulse duration
SCLK = H/L (see Figure 12)
10
ns
TWH1 / TWL1
GSCLK pulse duration
GSCLK = H/L (see Figure 12)
10
ns
TWH2
XLAT pulse duration
XLAT = H (see Figure 12)
20
ns
TWH3
BLANK pulse duration
BLANK = H (see Figure 12)
20
ns
TSU0
SIN–SCLK
↑ (see Figure 12)
5
ns
XLAT
↑–SCLK↑
TSU1
100
ns
(see Figure 38, Figure 12)
TSU2
MODE–SCLK
↑ (see Figure 12)
10
ns
TSU3
Setup time
MODE–XLAT
↑ (see Figure 12)
10
ns
TSU4
BLANK
↓–GSCLK↑ (see Figure 12)
10
ns
TSU5
XLAT
↑–GSCLK↑ (see Figure 12)
30
ns
SCLK
↓–XLAT↑
TSU6
10
ns
(see Figure 38, Figure 12)
TH0
SIN–SCLK
↑ (see Figure 12)
3
ns
TH1
Hold time
MODE–SCLK
↓ (see Figure 12)
10
ns
TH2
MODE–XLAT
↑ (see Figure 12)
100
ns
AC Characteristics: VCC = 3 V to 5.5 V, XHALF = L
TWL2
XLAT pulse duration
XLAT = L (see Figure 38)
20
ns
TSU7
Setup time
BLANK
↑–XLAT↑ (see Figure 38)
20
ns
TH3
Hold time
BLANK
↓–XLAT↓ (see Figure 38)
20
ns
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC5946



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com