Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO15 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO15
Description  ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO15 Datasheet(HTML) 1 Page - Texas Instruments

  ISO15 Datasheet HTML 1Page - Texas Instruments ISO15 Datasheet HTML 2Page - Texas Instruments ISO15 Datasheet HTML 3Page - Texas Instruments ISO15 Datasheet HTML 4Page - Texas Instruments ISO15 Datasheet HTML 5Page - Texas Instruments ISO15 Datasheet HTML 6Page - Texas Instruments ISO15 Datasheet HTML 7Page - Texas Instruments ISO15 Datasheet HTML 8Page - Texas Instruments ISO15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R
RE
D
GND1
Y
Vcc2
B
Z
A
GND2
DE
DWPACKAGE
Vcc1
GND1
GND2
GND2
GND1
DE
5
D
6
R
3
4
RE
Y
Z
B
A
14
11
12
13
functiondiagram
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R
RE
D
GND1
nc
Vcc2
B
A
nc
GND2
DE
DWPACKAGE
Vcc1
GND1
GND2
GND2
GND1
functiondiagram
D
R
B
A
13
12
DE
6
5
3
4
RE
ISO15
ISO35
www.ti.com................................................................................................................................................................ SLOS580B – MAY 2008 – REVISED JULY 2008
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
• Security Systems
• 4000-V
PEAK Isolation, 560-Vpeak VIORM
UL 1577, IEC 60747-5-2 (VDE 0884, Rev 2)
• Chemical Production
• Factory Automation
• 1/8 Unit Load – Up to 256 Nodes on a Bus
• Motor/motion Control
• Meets or Exceeds TIA/EIA RS-485
• HVAC and Building Automation Networks
Requirements
• Networked Security Stations
• Signaling Rates up to 1 Mbps
• Thermal Shutdown Protection
• Low Bus Capacitance – 16 pF (Typ)
• 50 kV/µs Typical Transient Immunity
• Fail-safe Receiver for Bus Open, Short, Idle
• 3.3-V Inputs are 5-V Tolerant
The ISO15 is an isolated half-duplex differential line transceiver while the ISO35 is an isolated full-duplex
differential line driver and receiver for TIA/EIA 485/422 applications.
These devices are ideal for long transmission lines since the ground loop is broken to allow for a much larger
common-mode voltage range. The symmetrical isolation barrier of the device is tested to provide 2500 Vrms of
isolation for 60s between the bus-line transceiver and the logic-level interface.
Any cabled I/O can be subjected to electrical noise transients from various sources. These noise transients can
cause damage to the transceiver and/or near-by sensitive circuitry if they are of sufficient magnitude and
duration. These isolated devices can significantly increase protection and reduce the risk of damage to
expensive control circuits.
The ISO15 and ISO35 are qualified for use from –40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15 TI-ISO15 Datasheet
1Mb / 32P
ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
logo
Burr-Brown (TI)
ISO150 BURR-BROWN-ISO150 Datasheet
156Kb / 9P
Dual, Isolated, Bi-Directional DIGITAL COUPLER
logo
Texas Instruments
ISO150 TI1-ISO150 Datasheet
1Mb / 21P
DUAL, ISOLATED, BIDIRECTIONAL DIGITAL COUPLER
ISO1500 TI1-ISO1500 Datasheet
544Kb / 26P
3-kV Basic Isolated RS-485/RS-422 Transceiver in Ultra-Small Package
More results

Similar Description - ISO15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
10/06-Rev. A to Rev. B
logo
Texas Instruments
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO3080 TI-ISO3080_09 Datasheet
628Kb / 19P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
3.3-V Full-Duplex RS-485 Transceivers
ISO15 TI-ISO15 Datasheet
1Mb / 32P
ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com