Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5044 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5044
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5044 Datasheet(HTML) 1 Page - Analog Devices

  AD5044 Datasheet HTML 1Page - Analog Devices AD5044 Datasheet HTML 2Page - Analog Devices AD5044 Datasheet HTML 3Page - Analog Devices AD5044 Datasheet HTML 4Page - Analog Devices AD5044 Datasheet HTML 5Page - Analog Devices AD5044 Datasheet HTML 6Page - Analog Devices AD5044 Datasheet HTML 7Page - Analog Devices AD5044 Datasheet HTML 8Page - Analog Devices AD5044 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC,
Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
AD5024/AD5044/AD5064
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Low power quad 12-/14-/16-bit DAC, ±1 LSB INL
Individual and common voltage reference pin options
Rail-to-rail operation
4.5 V to 5.5 V power supply
Power-on reset to zero-scale or midscale
3 power-down functions
Per-channel power-down
Low glitch on power-up
Hardware LDAC with LDAC override function
CLR function to programmable code
16-lead TSSOP
Internal reference buffer and internal output amplifier
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
Table 1. Related Devices
Part No.
Description
AD5666
GENERAL DESCRIPTION
The AD5024/AD5044/AD5064 are low power, quad 12-/14-/
16-bit buffered voltage output nanoDAC® DACs that offer relative
accuracy specifications of 1 LSB INL with individual reference
pins and can operate from a single 4.5 V to 5.5 V supply. The
AD5024/AD5044/AD5064 parts also offer a differential accuracy
specification of ±1 LSB. The parts use a versatile 3-wire, low
power Schmitt trigger serial interface that operates at clock rates
up to 50 MHz and is compatible with standard SPI, QSPI™,
MICROWIRE™, and DSP interface standards. A reference buffer
is also provided on-chip. The AD5024/AD5044/AD5064 incor-
porate a power-on reset circuit that ensures the DAC output
powers up to zero scale or midscale and remains there until a
valid write takes place to the device. The AD5024/AD5044/
AD5064 contain a power-down feature that reduces the current
consumption of the device to typically 400 nA at 5 V and provides
software selectable output loads while in power-down mode.
Total unadjusted error for the parts is <2 mV.
PRODUCT HIGHLIGHTS
1.
Quad channel available in 16-lead TSSOP package.
2.
16-bit accurate, 1 LSB INL.
3.
Low glitch on power-up.
4.
High speed serial interface with clock speeds up to 50 MHz.
Quad,16-bit buffered DAC,16 LSB INL, TSSOP
AD5063/AD5062
5.
Reset to known output voltage (zero scale or midscale).
16-bit nanoDAC, 1 LSB INL
AD5061
16-/14-bit nanoDAC, 4 LSB INL, SOT-23
AD5060/AD5040
16-/14-bit nanoDAC, 1 LSB INL, SOT-23
FUNCTIONAL BLOCK DIAGRAM
INTERFACE
LOGIC
INPUT
REGISTER
DIN
LDAC
GND
VDD
LDAC
VREFA
SYNC
SCLK
AD5024/
AD5044/
AD5064
CLR
VOUTA
VOUTB
VOUTC
VOUTD
DAC
REGISTER
DAC A
BUFFER
INPUT
REGISTER
DAC
REGISTER
DAC B
BUFFER
INPUT
REGISTER
DAC
REGISTER
DAC C
BUFFER
INPUT
REGISTER
DAC
REGISTER
DAC D
BUFFER
VREFB
VREFC VREFD
POR
POWER-DOWN
LOGIC
POWER-ON
RESET
Figure 1.


Similar Part No. - AD5044

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5044 AD-AD5044 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5044 AD-AD5044 Datasheet
617Kb / 24P
Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5044 AD-AD5044 Datasheet
1Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
6/2016-Rev. F to Rev. G
AD5044BRUZ AD-AD5044BRUZ Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5044BRUZ AD-AD5044BRUZ Datasheet
1Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
6/2016-Rev. F to Rev. G
More results

Similar Description - AD5044

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5025 AD-AD5025_08 Datasheet
1Mb / 28P
Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5044 AD-AD5044_15 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5045 AD-AD5045_15 Datasheet
1Mb / 28P
Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5065 AD-AD5065_15 Datasheet
1Mb / 28P
Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com